Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PESD1206Q-140 Datasheet(PDF) 1 Page - Tyco Electronics

Part # PESD1206Q-140
Description  ESD Protector Overvoltage Protection Device
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PESD1206Q-140 Datasheet(HTML) 1 Page - Tyco Electronics

  PESD1206Q-140 Datasheet HTML 1Page - Tyco Electronics PESD1206Q-140 Datasheet HTML 2Page - Tyco Electronics PESD1206Q-140 Datasheet HTML 3Page - Tyco Electronics PESD1206Q-140 Datasheet HTML 4Page - Tyco Electronics PESD1206Q-140 Datasheet HTML 5Page - Tyco Electronics PESD1206Q-140 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
308 Constitution Drive
Menlo Park, CA 94025-1164
Phone: 800-227-4856
www.circuitprotection.com
ESD Protector
Overvoltage Protection Device
Raychem Circuit Protection Products
PRODUCT: PESD1206Q-140
DOCUMENT: SCD 26108
REV LETTER: I
REV DATE: DECEMBER 7, 2007
PAGE NO.: 1 OF 6
Specification Status: Released
MATERIALS INFORMATION
ROHS Compliant
ELV Compliant
PART NUMBERING
PESD 1206 Q - 140
Series
Operating Voltage Designator
14 x 10
0 = 14V
DC
EIA Size
Q:
Array of 4 elements
The operating voltage is used to measure leakage current @ 1s
BENEFITS
• Suitable for high speed data transmission applications
• Board space savings
• Help to protect sensitive electronic circuits against damage from
electrostatic discharge (ESD) events
• Assist equipment to pass IEC 61000-4-2, level 4 testing
FEATURES
• Thick film technology
• Low capacitance (0.25 pF typical)
• Low clamping voltage
• Capable of withstanding numerous ESD strikes
• Compatible with standard reflow installation procedures
• Bi-directional protection
APPLICATIONS
• Cellular Phones
Caution: This part is not intended to be used under bias, nor for application with a power bus.
Not to be used for new designs. For new design please contact Tyco Electronics Sales


Similar Part No. - PESD1206Q-140

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD1206Q-240 MACOM-PESD1206Q-240 Datasheet
275Kb / 6P
   ESD Protection Devices
More results

Similar Description - PESD1206Q-140

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PESD0603-140 MACOM-PESD0603-140_07 Datasheet
163Kb / 7P
   ESD Protector Overvoltage Protection Device
SESD0402S-005-054 MACOM-SESD0402S-005-054 Datasheet
215Kb / 5P
   ESD Protector Overvoltage Protection Device
SESD0201C-006-058 MACOM-SESD0201C-006-058 Datasheet
230Kb / 5P
   ESD Protector Overvoltage Protection Device
PESD0402-060 MACOM-PESD0402-060 Datasheet
164Kb / 8P
   ESD Protector Overvoltage Protection Device
SESD0201C-120-058 MACOM-SESD0201C-120-058 Datasheet
206Kb / 4P
   ESD Protector Overvoltage Protection Device
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
STBP112 STMICROELECTRONICS-STBP112 Datasheet
818Kb / 38P
   Overvoltage protection device
AN3050 STMICROELECTRONICS-AN3050 Datasheet
908Kb / 18P
   STBP120 overvoltage protection device
logo
Infineon Technologies A...
TLE8110EE INFINEON-TLE8110EE_13 Datasheet
2Mb / 74P
   Overvoltage, Overtemperature, ESD -Protection
logo
Bourns Electronic Solut...
TISP9110LDM BOURNS-TISP9110LDM_07 Datasheet
212Kb / 5P
   Overvoltage Protector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com