Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXM62N03E6 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXM62N03E6
Description  30V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXM62N03E6 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXM62N03E6 Datasheet HTML 1Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 2Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 3Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 4Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 5Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 6Page - Zetex Semiconductors ZXM62N03E6 Datasheet HTML 7Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Top View
SUMMARY
V(BR)DSS=30V; RDS(ON)=0.11 ; ID=3.2A
DESCRIPTION
This new generation of high density MOSFETs from Zetex utilise a unique
structure that combines the benefits of low on-resistance with fast switching
speed. This makes them ideal for high efficiency, low voltage, power
management applications.
FEATURES
• Low on-resistance
• Fast switching speed
• Low threshold
• Low gate drive
• SOT23-6 package
APPLICATIONS
• DC - DC Converters
• Power Management Functions
• Disconnect switches
• Motor control
ORDERING INFORMATION
DEVICE
REEL SIZE
(inches)
TAPE WIDTH (mm)
QUANTITY
PER REEL
ZXM62N03E6TA
7
8mm embossed
3000 units
ZXM62N03E6TC
13
8mm embossed
10000 units
DEVICE MARKING
• 2N03
30V N-CHANNEL ENHANCEMENT MODE MOSFET
SOT23-6
ZXM62N03E6
97
PROVISIONAL ISSUE A - MAY 1999


Similar Part No. - ZXM62N03E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM62N03E6 ZETEX-ZXM62N03E6 Datasheet
338Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
Diodes Incorporated
ZXM62N03E6 DIODES-ZXM62N03E6 Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
Zetex Semiconductors
ZXM62N03E6TA ZETEX-ZXM62N03E6TA Datasheet
338Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
Diodes Incorporated
ZXM62N03E6TA DIODES-ZXM62N03E6TA Datasheet
290Kb / 8P
   30V N-CHANNEL ENHANCEMENTMODEMOSFET
logo
VBsemi Electronics Co.,...
ZXM62N03E6TA VBSEMI-ZXM62N03E6TA Datasheet
493Kb / 9P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - ZXM62N03E6

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN3A01F ZETEX-ZXMN3A01F Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A14F ZETEX-ZXMN3A14F Datasheet
209Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN3A01E6 ZETEX-ZXMN3A01E6 Datasheet
1Mb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
WILLAS ELECTRONIC CORP
SE4812LT1 WILLAS-SE4812LT1 Datasheet
428Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
ZXM64N03X DIODES-ZXM64N03X Datasheet
337Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LN2306LT1G LRC-LN2306LT1G_15 Datasheet
825Kb / 4P
   30V N-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG6402LVT DIODES-DMG6402LVT_15 Datasheet
220Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTNK8S3 CYSTEKEC-MTNK8S3 Datasheet
488Kb / 9P
   30V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJS50N03 PANJIT-PJS50N03 Datasheet
227Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Cystech Electonics Corp...
MTN3K01N3 CYSTEKEC-MTN3K01N3 Datasheet
319Kb / 8P
   30V N-CHANNEL Enhancement Mode MOSFET
logo
Pan Jit International I...
PJ4812 PANJIT-PJ4812_09 Datasheet
379Kb / 5P
   30V N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com