Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF216M1575S1-T Datasheet(PDF) 4 Page - Taiyo Yuden (U.S.A.), Inc

Part # AF216M1575S1-T
Description  CHIP ANTENNA
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

AF216M1575S1-T Datasheet(HTML) 4 Page - Taiyo Yuden (U.S.A.), Inc

  AF216M1575S1-T Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc AF216M1575S1-T Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc AF216M1575S1-T Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc AF216M1575S1-T Datasheet HTML 4Page - Taiyo Yuden (U.S.A.), Inc AF216M1575S1-T Datasheet HTML 5Page - Taiyo Yuden (U.S.A.), Inc AF216M1575S1-T Datasheet HTML 6Page - Taiyo Yuden (U.S.A.), Inc AF216M1575S1-T Datasheet HTML 7Page - Taiyo Yuden (U.S.A.), Inc AF216M1575S1-T Datasheet HTML 8Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
150
1
chipantenna01_e-01
ELECTRICAL CHARACTERISTICS・TYPICAL CHARACTERISTICS
*This catalog contains the typical specification only due to the limitation of space. When you consider purchase of our products, please check our specification.
For details of each product (characteristics graph, reliability information, precautions for use, and so on), see our Web site (http://www.ty-top.com/) or CD catalogs.
Typical Characteristics on Taiyo Yuden evaluation board
AH 104F2450S1
AH 122F245001
AH 104N2450D1
Typical characteristics of VSWR
Typical characteristics of radiation pattern(@2.45GHz)
Typical characteristics of VSWR
Typical characteristics of radiation pattern(@2.45GHz)
Typical characteristics of VSWR(2GHz band)
Typical characteristics of radiation pattern(@2.45GHz)
Typical characteristics of VSWR(5GHz band)
Typical characteristics of radiation pattern(@5.25GHz)
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y
150MHz
2
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y
AH 083F245001
Typical characteristics of VSWR
Typical characteristics of radiation pattern(@2.45GHz)
Vertical
polarization
Horizontal
polarization
ZX-Plane
+X
+X
−Z
+Z
+Z
−Z
−X
Vertical
polarization
Horizontal
polarization
XY-Plane
−Y
+X
−Y
+Y
−X
+X
+Y
Bandwidth:150MHz
2
300MHz
Bandwidth:1200MHz
4.9
5.4
5.9
Bandwidth:500MHz


Similar Part No. - AF216M1575S1-T

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AF2 ALTECH-AF2 Datasheet
372Kb / 1P
   30 mm Non-Illuminated Flush Momentary Metal Operator AFx
logo
List of Unclassifed Man...
AF2-0.50V125TM ETC2-AF2-0.50V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
AF2-0.63V125TM ETC2-AF2-0.63V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
AF2-0.75V125TM ETC2-AF2-0.75V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
AF2-1.00V125TM ETC2-AF2-1.00V125TM Datasheet
668Kb / 8P
   2410 Fast Acting Surface Mount Fuses
More results

Similar Description - AF216M1575S1-T

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCA-5220-A2-TR RALTRON-RCA-5220-A2-TR Datasheet
461Kb / 3P
   CHIP ANTENNA
RCA-E-1003-E1-TR RALTRON-RCA-E-1003-E1-TR Datasheet
380Kb / 3P
   CHIP ANTENNA
RCA-E-3216-J2-TR RALTRON-RCA-E-3216-J2-TR Datasheet
306Kb / 3P
   CHIP ANTENNA
RCA-W2-P-3216-A36-G RALTRON-RCA-W2-P-3216-A36-G Datasheet
395Kb / 6P
   CHIP ANTENNA
logo
Pulse A Technitrol Comp...
W3014 PULSE-W3014 Datasheet
861Kb / 13P
   Chip Antenna
logo
Raltron Electronics Cor...
RCA-E-3216-EE-TR RALTRON-RCA-E-3216-EE-TR Datasheet
621Kb / 3P
   CHIP ANTENNA
RCA-E-3216-EA-TR RALTRON-RCA-E-3216-EA-TR Datasheet
742Kb / 7P
   CHIP ANTENNA
RCA-3216-A1-TR RALTRON-RCA-3216-A1-TR Datasheet
541Kb / 3P
   CHIP ANTENNA
RCA-9520-A0-TR RALTRON-RCA-9520-A0-TR Datasheet
619Kb / 4P
   CHIP ANTENNA
RCA-E-3216-A2-TR RALTRON-RCA-E-3216-A2-TR Datasheet
552Kb / 3P
   CHIP ANTENNA
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com