Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNC1L-1A Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # VNC1L-1A
Description  Embedded USB Host Controller IC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

VNC1L-1A Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  VNC1L-1A Datasheet HTML 1Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 2Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 3Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 4Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 5Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 6Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 7Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 8Page - Future Technology Devices International Ltd. VNC1L-1A Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
Copyright © 2009 Future Technology Devices International Limited
1
Document Reference No.: FT_000030
Vinculum VNC1L Embedded USB Host Controller IC Datasheet Version 2.01
Clearance No.: FTDI# 50
Future Technology
Devices International Ltd.
Vinculum VNC1L
Embedded USB Host
Controller IC
Datasheet
The VNC1L is a single chip embedded
dual USB host controller with the
following advanced features:
Two independent USB 2.0 Low-speed/Full-
speed USB host ports.
Individual ports can be configured as host or
slave.
Configurable options to interface to external
Command Monitor via either UART, FIFO or
SPI slave interface.
Entire USB protocol handled on the chip.
Integrated pull-up and pull-down resistors.
Integrated FTDI proprietary, 8/32-bit
embedded MCU processor core -Vinculum
MCU (VMCU) - using “enhanced CISC”
technology.
Integrated,
reconfigurable,
64k
bytes
of
embedded Flash (E-FLASH) memory to store
firmware. 4k bytes data RAM.
Field upgradeable firmware over UART or
USB.
Integrated
Numeric
Co-Processor
(NCP)
enhances 32 bit arithmetic speeds.
Twin DMA controllers (one per USB interface)
provide hardware acceleration of data transfer
from USB to external IO bus.
Operational configuration via a choice of free,
downloadable firmware – no external software
control required.
Four fully configurable data and control I/O
buses providing up to 28 pins of general
purpose I/O.
Integrated firmware allows read from and write
to FAT format USB Flash keys.
Supports bus powered, self powered and high-
power bus powered USB configurations.
Programmable via UART interface.
+3.3V single supply operation with 5V safe
inputs.
Low power operation (25mA operational, 2mA
in standby).
-40°C
to
+85°C
extended
operating
temperature range.
Available in compact Pb-free 48 Pin LQFP
package (RoHS compliant).
Vinculum is part of Future Technology Devices International Ltd. Neither the whole nor any part of the information contained in, or the product described in
this manual, may be adapted or reproduced in any material or electronic form without the prior written consent of the copyright holder. This product and its
documentation are supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your statutory rights are not
affected. This product or any variant of it is not intended for use in any medical appliance, device or system in which the failure of the product might
reasonably be expected to result in personal injury. This document provides preliminary information that may be subject to change without notice. No
freedom to use patents or other intellectual property rights is implied by the publication of this document. Future Technology Devices International Ltd, Unit
1, 2 Seaward Place, Centurion Business Park, Glasgow G41 1HH United Kingdom. Scotland Registered Number: SC136640


Similar Part No. - VNC1L-1A

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
   Future Technology Devices International Ltd.
More results

Similar Description - VNC1L-1A

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A FTDI-VNC1L-1A Datasheet
767Kb / 32P
   Vinculum VNC1L Embedded USB Host Controller IC
VNC2-64L1B-REEL FTDI-VNC2-64L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-48Q1B-TRAY FTDI-VNC2-48Q1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-64L1B FTDI-VNC2-64L1B Datasheet
1Mb / 90P
   VINCULUM-II EMBEDDED DUAL USB HOST CONTROLLER IC
VNC2-32L1B-TRAY FTDI-VNC2-32L1B-TRAY Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
VNC2-32L1B-REEL FTDI-VNC2-32L1B-REEL Datasheet
2Mb / 88P
   Vinculum-II Embedded Dual USB Host Controller IC
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS Datasheet
499Kb / 29P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_11 Datasheet
641Kb / 32P
   Embedded USB Host/Slave Controller
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
   Embedded USB Host/Slave Controller
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com