Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAS5615DKDR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5615DKDR
Description  160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5615DKDR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5615DKDR Datasheet HTML 7Page - Texas Instruments TAS5615DKDR Datasheet HTML 8Page - Texas Instruments TAS5615DKDR Datasheet HTML 9Page - Texas Instruments TAS5615DKDR Datasheet HTML 10Page - Texas Instruments TAS5615DKDR Datasheet HTML 11Page - Texas Instruments TAS5615DKDR Datasheet HTML 12Page - Texas Instruments TAS5615DKDR Datasheet HTML 13Page - Texas Instruments TAS5615DKDR Datasheet HTML 14Page - Texas Instruments TAS5615DKDR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
TAS5615
www.ti.com
SLAS595B – JUNE 2009 – REVISED FEBRUARY 2010
ELECTRICAL CHARACTERISTICS (continued)
PVDD_X = 50 V, GVDD_X = 12 V, VDD = 12 V, TC (case temperature) = 75°C, fS = 400 kHz, unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
I/O PROTECTION
Undervoltage protection limit, GVDD_x
Vuvp,G
9.5
V
and VDD
Vuvp,hyst
(1)
0.6
V
OTW1(1)
Overtemperature warning 1
95
100
105
°C
OTW2(1)
Overtemperature warning 2
115
125
135
°C
Temperature drop needed below OTW
OTWHYST
(1)
temperture for OTW to be inactive after
25
°C
OTW event.
OTE(1)
Overtemperature error
145
155
165
°C
OTE-
OTE-OTW differential
30
°C
OTWdifferential
(1)
A reset must occur for SD to be released
OTEHYST
(1)
25
°C
following an OTE event
OLPC
Overload protection counter
fPWM = 400 kHz
2.6
ms
Resistor – programmable, nominal
continious current in 1-
Ω load, 64 pin QFP
10
A
package (PHD), ROCP = 22 kΩ
IOC
Overcurrent limit protection
Resistor – programmable, nominal
continious current in 1-
Ω load, 44 pin
10
A
PSOP3 package (DKD), ROCP = 24 kΩ
Resistor – programmable, continious current
IOC_LATCHED
Overcurrent limit protection
in 1-
Ω load,
10
A
ROCP = 47 kΩ
Time from switching transition to flip-state
IOCT
Overcurrent response time
150
ns
induced by overcurrent
Connected when RESET is active to provide
IPD
Output pulldown current of each half
3
mA
bootstrap charge. Not used in SE mode.
STATIC DIGITAL SPECIFICATIONS
VIH
High-level input voltage
1.9
V
INPUT_X, M1, M2, M3, RESET
VIL
Low-level input voltage
1.45
V
Leakage
Input leakage current
100
mA
OTW/SHUTDOWN (SD)
Internal pullup resistance, OTW1 to
RINT_PU
20
26
32
k
VREG, OTW2 to VREG, SD to VREG
Internal pullup resistor
3
3.3
3.6
VOH
High-level output voltage
V
External pullup of 4.7 k
Ω to 5 V
4.5
5
VOL
Low-level output voltage
IO = 4 mA
200
500
mV
Device fanout OTW1, OTW2, SD, CLIP,
FANOUT
No external pullup
30
devices
READY
(1)
Specified by design.
Copyright © 2009–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s) :TAS5615


Similar Part No. - TAS5615DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615DKDR TI-TAS5615DKDR Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
More results

Similar Description - TAS5615DKDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5615 TI-TAS5615 Datasheet
1Mb / 30P
[Old version datasheet]   160 W STEREO/300W MONO PurePath??HD Analog-Input Power Stage
TAS5613A TI-TAS5613A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613 TI-TAS5613 Datasheet
1Mb / 27P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5630 TI-TAS5630 Datasheet
1Mb / 31P
[Old version datasheet]   300W STEREO / 600W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5613A TI1-TAS5613A_16 Datasheet
2Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD ANALOG-INPUT POWER STAGE
TAS5613A TI-TAS5613A_15 Datasheet
1Mb / 31P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD ANALOG-INPUT POWER STAGE
TAS5616 TI1-TAS5616_14 Datasheet
1Mb / 36P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5616 TI-TAS5616 Datasheet
1Mb / 33P
[Old version datasheet]   160-W STEREO / 300-W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
TAS5614ADKDR TI1-TAS5614ADKDR Datasheet
1Mb / 33P
[Old version datasheet]   150W STEREO / 300W MONO PurePath HD DIGITAL-INPUT POWER STAGE
TAS5614A TI-TAS5614A Datasheet
1Mb / 26P
[Old version datasheet]   150W STEREO / 300W MONO PurePath??HD DIGITAL-INPUT POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com