Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65MLVD048 Datasheet(PDF) 2 Page - Texas Instruments

Part # SN65MLVD048
Description  QUAD CHANNEL M-LVDS RECEIVERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65MLVD048 Datasheet(HTML) 2 Page - Texas Instruments

  SN65MLVD048_1 Datasheet HTML 1Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 2Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 3Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 4Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 5Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 6Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 7Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 8Page - Texas Instruments SN65MLVD048_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1
3
4
5
6
7
8
9
10
11
12
2
25
26
27
28
29
30
31
32
33
34
35
36
NC
VCC
2A
2B
NC
GND
GND
NC
3A
3B
VCC
NC
1R
NC
GND
2R
NC
GND
PDN
3R
NC
GND
4R
NC
SN65MLVD048
SLLS903 – DECEMBER 2009
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PIN FUNCTIONS
PIN
I/O
DESCRIPTION
NAME
NO.
1R––4R
36, 33, 29, 26
O
Data output from receivers
1A–4A
47, 3, 9, 13
I/O
M-LVDS bus non-inverting input/output
1B–4B
48, 4, 10, 14
I/O
M-LVDS bus inverting input/output
6, 7, 18, 23, 27, 31,
GND
I
Circuit ground. ALL GND pins must be connected to ground.
34, 38, 43
2, 11, 15, 16, 24, 37,
VCC
I
Supply voltage. ALL VCC pins must be connected to supply.
45, 46
Receiver enable, active low, enables individual receivers. When this pin is left floating,
1RE–4RE
40, 42, 19, 21
I
internally this pin will be pulled to logic HIGH.
Failsafe enable pin. When this pin is left floating, internally this pin will be pulled to logic
HIGH.
This pin enables the Type 2 receiver for the respective channel.
1FSEN–4FSEN
39, 41, 20, 22
I
xFSEN = L
→ Type 1 receiver inputs
xFSEN = H
→ Type 2 receiver inputs
Power Down pin. When this pin is left floating, internally this pin will be pulled to logic LOW.
When PDN is HIGH, the device is powered up.
PDN
30
When PDN is LOW, the device overrides all other control and powers down. All outputs are
Hi-Z
1, 5, 8, 12, 17, 25, 28,
NC
Not Connected
32, 35
NC
44
Not Connected. Internal TI Test pin. This pin must be left unconnected.
PowerPAD™
Connected to GND
RGZ PACKAGE
(TOP VIEW)
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :SN65MLVD048


Similar Part No. - SN65MLVD048_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD048RGZR TI-SN65MLVD048RGZR Datasheet
480Kb / 18P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
SN65MLVD048RGZT TI-SN65MLVD048RGZT Datasheet
480Kb / 18P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
More results

Similar Description - SN65MLVD048_1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65MLVD048 TI-SN65MLVD048 Datasheet
480Kb / 18P
[Old version datasheet]   QUAD CHANNEL M-LVDS RECEIVERS
logo
ams AG
AS1150 AMSCO-AS1150 Datasheet
160Kb / 15P
   Quad LVDS Receivers
logo
Texas Instruments
SN65MLVD2 TI-SN65MLVD2 Datasheet
340Kb / 17P
[Old version datasheet]   SINGLE M-LVDS RECEIVERS
logo
STMicroelectronics
RHFLVDS32A STMICROELECTRONICS-RHFLVDS32A Datasheet
408Kb / 15P
   Rad-hard quad LVDS receivers
logo
Maxim Integrated Produc...
MAX9125 MAXIM-MAX9125 Datasheet
226Kb / 12P
   Quad LVDS Line Receivers with Integrated Termination
Rev 0; 5/01
logo
Pericom Semiconductor C...
PI90LV048A PERICOM-PI90LV048A_09 Datasheet
335Kb / 6P
   3V LVDS Quad Flow-Through Differential Line Receivers
PI90LV048A PERICOM-PI90LV048A Datasheet
154Kb / 7P
   3V LVDS Quad Flow-Through Differential Line Receivers
logo
ams AG
AS1153 AMSCO-AS1153 Datasheet
291Kb / 15P
   Single/Dual LVDS Receivers
logo
Texas Instruments
50171 TI-50171 Datasheet
415Kb / 16P
[Old version datasheet]   125 MHz Quad M-LVDS Transceiver
logo
National Semiconductor ...
DS91M040 NSC-DS91M040 Datasheet
395Kb / 16P
   125 MHz Quad M-LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com