Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGA113AIDGSTG4 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # PGA113AIDGSTG4
Description  Zer첩-Drift PROGRAMMABLE GAIN AMPLIFIER with MUX
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PGA113AIDGSTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button PGA113AIDGSTG4 Datasheet HTML 2Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 3Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 4Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 5Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 6Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 7Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 8Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 9Page - Texas Instruments PGA113AIDGSTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
SPI TIMING: VS = AVDD = DVDD = +2.2V to +5V
PGA112
,, PGA113
PGA116, PGA117
SBOS424B – MARCH 2008 – REVISED SEPTEMBER 2008 ............................................................................................................................................ www.ti.com
Boldface limits apply over the specified temperature range, TA = –40°C to +125°C.
At TA = +25°C, RL = 10kΩ//CL = 100pF connected to DVDD/2, and VREF = GND, unless otherwise noted.
PGA112, PGA113,
PGA116, PGA117
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Capacitance (SCLK, CS, and DIO pins)
1
pF
Input Rise/Fall Time(1)
tRFI
2
µs
(CS, SCLK, and DIO pins)
Output Rise/Fall Time (DIO pin)(1)
tRFO
CLOAD = 60pF
10
ns
CS High Time (CS pin)(1)
tCSH
40
ns
SCLK Edge to CS Fall Setup Time(1)
tCSO
10
ns
CS Fall to First SCLK Edge Setup Time
tCSSC
10
ns
SCLK Frequency(2)
fSCLK
10
MHz
SCLK High Time(3)
tHI
40
ns
SCLK Low Time(3)
tLO
40
ns
SCLK Last Edge to CS Rise Setup Time(1)
tSCCS
10
ns
CS Rise to SCLK Edge Setup Time(1)
tCS1
10
ns
DIN Setup Time
tSU
10
ns
DIN Hold Time
tHD
10
ns
SCLK to DOUT Valid Propagation Delay(1)
tDO
25
ns
CS Rise to DOUT Forced to Hi-Z(1)
tSOZ
20
ns
(1)
Ensured by design; not production tested.
(2)
When using devices in daisy-chain mode, the maximum clock frequency for SCLK is limited by SCLK rise/fall time, DIN setup time, and
DOUT propagation delay. See Figure 63. Based on this limitation, the maximum SCLK frequency for daisy-chain mode is 9.09MHz.
(3)
tHI and tLO must not be less than 1/SCLK (max).
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): PGA112 PGA113 PGA116 PGA117


Similar Part No. - PGA113AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA113AIDGSTG4 TI-PGA113AIDGSTG4 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
More results

Similar Description - PGA113AIDGSTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PGA112_0809 TI-PGA112_0809 Datasheet
1Mb / 47P
[Old version datasheet]   Zero-Drift,PROGRAMMABLE GAIN AMPLIFIER with MUX
PGA280 TI-PGA280_15 Datasheet
1Mb / 46P
[Old version datasheet]   Zer첩-Drift, High-Voltage,Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Texas Instruments
PGA112 TI-PGA112 Datasheet
833Kb / 38P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA112 TI-PGA112_08 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Supply, Single-Ended, Precision Programmable Gain Amplifier with MUX
PGA280 TI-PGA280 Datasheet
900Kb / 45P
[Old version datasheet]   Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
ADA4255 AD-ADA4255 Datasheet
4Mb / 64P
   Zero Drift, High Voltage, Programmable Gain Instrumentation Amplifier with Charge Pump
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
[Old version datasheet]   Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
INA333-Q1 TI1-INA333-Q1 Datasheet
546Kb / 26P
[Old version datasheet]   INA333-Q1 Automotive, Zer첩-Drift, micro-Power, Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com