Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2010ER Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PMEG2010ER
Description  1 A low VF MEGA Schottky barrier rectifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2010ER Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PMEG2010ER Datasheet HTML 5Page - NXP Semiconductors PMEG2010ER Datasheet HTML 6Page - NXP Semiconductors PMEG2010ER Datasheet HTML 7Page - NXP Semiconductors PMEG2010ER Datasheet HTML 8Page - NXP Semiconductors PMEG2010ER Datasheet HTML 9Page - NXP Semiconductors PMEG2010ER Datasheet HTML 10Page - NXP Semiconductors PMEG2010ER Datasheet HTML 11Page - NXP Semiconductors PMEG2010ER Datasheet HTML 12Page - NXP Semiconductors PMEG2010ER Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PMEG2010ER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 29 December 2008
10 of 13
NXP Semiconductors
PMEG2010ER
1 A low VF MEGA Schottky barrier rectifier
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
11. Soldering
Table 8.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
PMEG2010ER
SOD123W
4 mm pitch, 8 mm tape and reel
-115
Reflow soldering is the only recommended soldering method.
Fig 15. Reflow soldering footprint SOD123W
2.9
2.8
4.4
1.6
2.1
1.2
(2
×)
1.1
(2
×)
solder lands
solder resist
occupied area
solder paste
1.1
(2
×)
1.2
(2
×)
sod123w_fr
Dimensions in mm


Similar Part No. - PMEG2010ER

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
PMEG2010ER INTERSIL-PMEG2010ER Datasheet
851Kb / 20P
   Integrated Automotive TFT-LCD Power Supply Regulator
logo
Nexperia B.V. All right...
PMEG2010ER NEXPERIA-PMEG2010ER Datasheet
228Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
17 November 2017
PMEG2010ER-Q NEXPERIA-PMEG2010ER-Q Datasheet
257Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
8 June 2021
logo
NXP Semiconductors
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
More results

Similar Description - PMEG2010ER

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EP NXP-PMEG4010EP Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG4010ER NXP-PMEG4010ER Datasheet
91Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 December 2008
PMEG2010BER PHILIPS-PMEG2010BER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-16 April 2009
PMEG2010ER PHILIPS-PMEG2010ER_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG3010EP PHILIPS-PMEG3010EP_15 Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-30 December 2008
PMEG3010ER NXP-PMEG3010ER Datasheet
97Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-29 December 2008
PMEG4010ER NXP-PMEG4010ER_10 Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 02-15 April 2010
PMEG3010BEP NXP-PMEG3010BEP Datasheet
98Kb / 13P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01 ??20 April 2009
logo
Nexperia B.V. All right...
PMEG3010BEA-Q NEXPERIA-PMEG3010BEA-Q Datasheet
201Kb / 10P
   1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
NXP Semiconductors
PMEG6010ER NXP-PMEG6010ER Datasheet
159Kb / 14P
   1 A low VF MEGA Schottky barrier rectifier
Rev. 01-9 March 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com