Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2010EJ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEG2010EJ
Description  1 A very low VF MEGA Schottky barrier rectifiers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2010EJ Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEG2010EJ Datasheet HTML 1Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 2Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 3Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 4Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 5Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 6Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 7Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 8Page - NXP Semiconductors PMEG2010EJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PMEG2010EH_EJ_ET_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 20 March 2007
3 of 11
NXP Semiconductors
PMEG2010EH/EJ/ET
1 A very low VF MEGA Schottky barrier rectifiers
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for cathode 1 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VR
reverse voltage
-
20
V
IF
forward current
Tsp ≤ 55 °C-
1
A
IFRM
repetitive peak forward
current
tp ≤ 1 ms; δ≤ 0.25
PMEG2010EH
-
7
A
PMEG2010EJ
-
7
A
PMEG2010ET
-
5
A
IFSM
non-repetitive peak forward
current
square wave;
tp =8ms
-9
A
Ptot
total power dissipation
Tamb ≤ 25 °C
PMEG2010EH
[1] -
375
mW
[2] -
830
mW
PMEG2010EJ
[1] -
350
mW
[2] -
830
mW
PMEG2010ET
[1] -
280
mW
[2] -
420
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C


Similar Part No. - PMEG2010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EJ PHILIPS-PMEG2010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
PMEG2010EJ PHILIPS-PMEG2010EJ Datasheet
948Kb / 12P
   Low VCEsat (BISS) transistors
May 2006
logo
Nexperia B.V. All right...
PMEG2010EJ NEXPERIA-PMEG2010EJ Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
More results

Similar Description - PMEG2010EJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG2010EH NEXPERIA-PMEG2010EH Datasheet
658Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04 - 20 March 2007
logo
NXP Semiconductors
PMEG3010EH NXP-PMEG3010EH_07 Datasheet
83Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-20 March 2007
PMEG6010CEH NXP-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
logo
Nexperia B.V. All right...
PMEG4010CEH NEXPERIA-PMEG4010CEH Datasheet
679Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02 - 22 March 2007
logo
NXP Semiconductors
PMEG2010AEH NXP-PMEG2010AEH Datasheet
77Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-28 March 2007
PMEG4010CEH NXP-PMEG4010CEH Datasheet
107Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG4010EJ PHILIPS-PMEG4010EJ Datasheet
75Kb / 12P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 03-11 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com