Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2010AEK Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PMEG2010AEK
Description  1 A very low VF MEGA Schottky barrier rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG2010AEK Datasheet(HTML) 9 Page - NXP Semiconductors

  PMEG2010AEK Datasheet HTML 1Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 2Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 3Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 4Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 5Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 6Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 7Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 8Page - NXP Semiconductors PMEG2010AEK Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
NXP Semiconductors
PMEG2010AEK
1 A very low VF MEGA Schottky barrier rectifier
© NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 30 March 2007
Document identifier: PMEG2010AEK_1
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
15. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3
8
Test information . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 5
10
Packing information. . . . . . . . . . . . . . . . . . . . . . 5
11
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
12
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 7
13
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 8
13.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 8
13.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
13.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
13.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
14
Contact information. . . . . . . . . . . . . . . . . . . . . . 8
15
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9


Similar Part No. - PMEG2010AEK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010AEB PHILIPS-PMEG2010AEB Datasheet
57Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
PMEG2010AEB NXP-PMEG2010AEB Datasheet
114Kb / 8P
   20 V, 1 A ultra low VF MEGA Schottky barrier rectifier in SOD523 package
2003 Dec 03
logo
Nexperia B.V. All right...
PMEG2010AEB NEXPERIA-PMEG2010AEB Datasheet
208Kb / 8P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
1 October 2022
PMEG2010AEB-Q NEXPERIA-PMEG2010AEB-Q Datasheet
182Kb / 10P
   20 V, 1 A low VF MEGA Schottky barrier rectifier
25 October 2021
logo
Microchip Technology
PMEG2010AEB115 MICROCHIP-PMEG2010AEB115 Datasheet
2Mb / 36P
   Gigabit Ethernet Switch Evaluation Board
11/07/16
More results

Similar Description - PMEG2010AEK

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMEG2010BEV NEXPERIA-PMEG2010BEV Datasheet
187Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEG2010BEA NEXPERIA-PMEG2010BEA Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
15 July 2020
PMEG4010BEA-Q NEXPERIA-PMEG4010BEA-Q Datasheet
195Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
15 September 2021
PMEG4010ET-Q NEXPERIA-PMEG4010ET-Q Datasheet
198Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifier
25 October 2021
PMEG3010BEV NEXPERIA-PMEG3010BEV Datasheet
186Kb / 8P
   1 A very low VF MEGA Schottky barrier rectifier
4 January 2023
PMEGXX10BEA NEXPERIA-PMEGXX10BEA Datasheet
164Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
logo
NXP Semiconductors
PMEG3010BEA PHILIPS-PMEG3010BEA Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
PMEG3010EB NXP-PMEG3010EB Datasheet
64Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 01-1 December 2006
PMEGXX10BEA NXP-PMEGXX10BEA Datasheet
165Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifier
2004 Jun 14
PMEG3010EB PHILIPS-PMEG3010EB_15 Datasheet
166Kb / 9P
   1 A very low VF MEGA Schottky barrier rectifier
Rev. 2-15 March 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com