Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL1300H5 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZXCL1300H5
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL1300H5 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZXCL1300H5 Datasheet HTML 1Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 2Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL1300H5 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ELECTRICAL CHARACTERISTICS
VIN = VO + 0.5V, typical values at TA=25°C (Unless otherwise stated)
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
ISSUE 5 - NOVEMBER 2001
3
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
V
DO
Dropout Voltage
Note 3
ZXCL250
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL260
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL280
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL300
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL330
I
O=10mA
I
O=50mA
I
O=100mA
ZXCL400
I
O=10mA
I
O=50mA
I
O=100mA
15
85
163
15
85
155
15
85
140
15
85
140
15
85
140
15
85
140
325
310
280
280
280
280
mV
mV
mV
mV
mV
mV
V
LNR
Line Regulation
V
IN=(VO+0.5V) to 5.5V, IO=1mA
0.02
0.1
%/V
V
LDR
Load Regulation
I
O=1mA to 100mA
0.01
0.04
%/mA
E
N
Output Noise Voltage
f=10Hz to 100kHz, C
O=10µF,
50
µV rms
V
ENH
Enable pin voltage for
normal operation
T
A = -40°C
2
2.2
10
V
V
ENL
Enable pin voltage for
output shutdown
00.8
V
V
ENHS
Enable pin hysteresis
150
mV
I
EN
Enable Pin input
current
V
EN=5.5V
100
nA
I
QSD
Shutdown supply
current
V
EN=0V
1
µA
T
SD
Thermal Shutdown
Temperature
125
165
°C
Device testing is performed at TA=25 C. Device thermal performance is guaranteed by design.
Note1: Maximum power dissipation is calculated assuming the device is mounted on a PCB measuring 2
inches square
Note 2: Output Voltage will start to rise when VIN exceeds a value or approximately 1.3V. For normal
operation, VIN (min) > VOUT (nom) + 0.5V.
Note 3: Dropout voltage is defined as the difference between VIN and VO, when VO has dropped 100mV below


Similar Part No. - ZXCL1300H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL1200H5 ZETEX-ZXCL1200H5 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
More results

Similar Description - ZXCL1300H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com