Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXHZ6130AC6U Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPXHZ6130AC6U
Description  Media Resistant and High Silicon Pressure Sensor for Measuring Absolute Pressure
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6130AC6U Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPXHZ6130AC6U Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 9Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 10Page - Freescale Semiconductor, Inc MPXHZ6130AC6U Datasheet HTML 11Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MPXHZ6130A
Sensors
10
Freescale Semiconductor
Pressure
PACKAGE DIMENSIONS
CASE 1317A-04
ISSUE D
SUPER SMALL OUTLINE PACKAGE


Similar Part No. - MPXHZ6130AC6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXHZ6130AC6U FREESCALE-MPXHZ6130AC6U Datasheet
199Kb / 8P
   INTEGRATED PRESSURE SENSOR 15 TO 130 kPa (2.2 TO 18.9 PSI) 0.2 TO 4.8 V OUTPUT
More results

Similar Description - MPXHZ6130AC6U

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXHZ6116A FREESCALE-MPXHZ6116A Datasheet
143Kb / 10P
   Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXHZ6117A FREESCALE-MPXHZ6117A Datasheet
208Kb / 11P
   Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure,On-Chip Signal Conditioned,Temperature Compensated and Calibrated
MPXHZ6401A FREESCALE-MPXHZ6401A Datasheet
142Kb / 10P
   Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned,Temperature Compensated and Calibrated
MPXH6300A FREESCALE-MPXH6300A Datasheet
263Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6400A FREESCALE-MPXH6400A_07 Datasheet
254Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXH6250A FREESCALE-MPXH6250A_12 Datasheet
181Kb / 12P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXA6115A FREESCALE-MPXA6115A_11 Datasheet
304Kb / 16P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MP3H6115A FREESCALE-MP3H6115A_12 Datasheet
187Kb / 13P
   High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure
MPXHZ6400A FREESCALE-MPXHZ6400A Datasheet
229Kb / 8P
   Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com