Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXHZ6401A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPXHZ6401A
Description  Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned,Temperature Compensated and Calibrated
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXHZ6401A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPXHZ6401A Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXHZ6401A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MPXHZ6401A
Sensors
Freescale Semiconductor
5
Pressure
Temperature Error Band
MPXHZ6401A SERIES
Break Points
Temp
Multiplier
- 40
3
0 to 85
1
125
1.75
Temperature in Cº
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor (Tm)
NOTE: The Temperature Multiplier is a linear response from 0ºC to -40ºC and from 85ºC to 125ºC
Pressure Error Band
Error Limits for Pressure
10
-10
-5
5
0
Pressure (in kPa)
50 to 400 (kPa)
±5.5 (kPa)
Pressure
Error (Max)
50
100
150
200
250
300
350
400


Similar Part No. - MPXHZ6401A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXHZ6400A FREESCALE-MPXHZ6400A Datasheet
229Kb / 8P
   Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6400A6T1 NXP-MPXHZ6400A6T1 Datasheet
303Kb / 15P
   MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
logo
Freescale Semiconductor...
MPXHZ6400AC6T1 FREESCALE-MPXHZ6400AC6T1 Datasheet
229Kb / 8P
   Media Resistant and High Temperature Accuracy Intergrated Silicon Pressure Sensor
MPXHZ6400AC6T1 FREESCALE-MPXHZ6400AC6T1 Datasheet
189Kb / 11P
   High Temperature Accuracy Integrated Silicon Pressure Sensor
logo
NXP Semiconductors
MPXHZ6400AC6T1 NXP-MPXHZ6400AC6T1 Datasheet
303Kb / 15P
   MPXH6400A, 20 to 400 kPa, Absolute, Integrated Pressure Sensor
Rev. 6, 03/2017
More results

Similar Description - MPXHZ6401A

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXHZ6116A FREESCALE-MPXHZ6116A Datasheet
143Kb / 10P
   Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPXHZ6117A FREESCALE-MPXHZ6117A Datasheet
208Kb / 11P
   Media Resistant Integrated Silicon Pressure Sensor for Measuring Absolute Pressure,On-Chip Signal Conditioned,Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX4100A NXP-MPX4100A Datasheet
213Kb / 13P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 9, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
    Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
logo
Freescale Semiconductor...
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
   Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com