Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL1280H5 Datasheet(PDF) 7 Page - Zetex Semiconductors

Part # ZXCL1280H5
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL1280H5 Datasheet(HTML) 7 Page - Zetex Semiconductors

Back Button ZXCL1280H5 Datasheet HTML 3Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 4Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 5Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 6Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 7Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 8Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 9Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 10Page - Zetex Semiconductors ZXCL1280H5 Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Input to Output Diode
In common with many other LDO regulators, the ZXCL
device has an inherent diode associated with the
output series pass transistor of each regulator. This
diode has its anode connected to the output and its
cathode to the input. The internal diode is normally
reverse biased, but will conduct if the output is forced
above the input by more than a VBE (approximately
0.6V). Current will then flow from Vout to Vin. For safe
operation, the maximum current in this diode should
be limited to 5mA continuous and 30mA peak. An
external schottky diode may be used to provide
protection when this condition cannot be satisfied.
Increased Output current
Any ZXCL series device may be used in conjunction
with an external PNP transistor to boost the output
current capability. In the application circuit
shown
below, a FMMT717 device is employed as the external
pass element. This SOT23 device can supply up to 2.5A
maximum current subject to the thermal dissipation
limits of the package (625mW). Alternative devices
may be used to supply higher levels of current. Note
that with this arrangement, the dropout voltage will be
increased by the VBE drop of the external device. Also,
care should be taken to protect the pass transistor in
the event of excessive output current.
ISSUE 5 - NOVEMBER 2001
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
7
VIN
EN
VO
U1
ZXCL SERIES
Q1
FMMT717
R1
5.6R
C2
1uF
C1
1uF
C3
1uF
VOUT
VIN
Scheme to boost output current to 2A


Similar Part No. - ZXCL1280H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL1200H5 ZETEX-ZXCL1200H5 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
More results

Similar Description - ZXCL1280H5

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com