Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3005AEA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMEG3005AEA
Description  Very low VF MEGA Schottky barrier rectifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMEG3005AEA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMEG3005AEA Datasheet HTML 2Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 3Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 4Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 5Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 6Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 7Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 8Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 9Page - NXP Semiconductors PMEG3005AEA Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2003 Aug 20
7
NXP Semiconductors
Product data sheet
Very low VF MEGA
Schottky barrier rectifiers
PMEG2005AEA; PMEG3005AEA;
PMEG4005AEA
handbook, halfpage
0.6
0.4
0.2
0
103
102
10
1
10−1
MDB669
IF
(mA)
VF (V)
(1)
(2)
(3)
Fig.8
Forward current as a function of forward
voltage; typical values.
PMEG4005AEA
(1) Tamb = 150 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
020
10
30
40
VR (V)
MDB670
105
104
103
102
10
1
IR
(
μA)
(1)
(2)
(3)
Fig.9
Reverse current as a function of reverse
voltage; typical values.
PMEG4005AEA
(1) Tamb = 150 °C.
(2) Tamb = 85 °C.
(3) Tamb = 25 °C.
handbook, halfpage
0
5
10
20
100
0
80
15
60
40
20
MDB671
VR (V)
Cd
(pF)
Fig.10 Diode capacitance as a function of reverse
voltage; typical values.
PMEG4005AEA
f = 1 MHz; Tamb = 25 °C.


Similar Part No. - PMEG3005AEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005AEA PHILIPS-PMEG3005AEA Datasheet
72Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
logo
Shenzhen Luguang Electr...
PMEG3005AEA LUGUANG-PMEG3005AEA Datasheet
101Kb / 5P
   Schottky barrier rectifiers
logo
Nexperia B.V. All right...
PMEG3005AEA NEXPERIA-PMEG3005AEA Datasheet
188Kb / 8P
   Very low VF MEGA Schottky barrier rectifier
14 June 2019
More results

Similar Description - PMEG3005AEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
71Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA_15 Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEA PHILIPS-PMEG2005AEA Datasheet
72Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV PHILIPS-PMEG2005AEV_15 Datasheet
316Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV NXP-PMEG2005AEV Datasheet
316Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG2005AEV PHILIPS-PMEG2005AEV Datasheet
316Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG4010EH NXP-PMEG4010EH Datasheet
85Kb / 11P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 04-21 March 2007
PMEG3010CEH NXP-PMEG3010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-22 March 2007
PMEG6010CEH PHILIPS-PMEG6010CEH Datasheet
76Kb / 10P
   1 A very low VF MEGA Schottky barrier rectifiers
Rev. 02-27 March 2007
PMEGXX05EH PHILIPS-PMEGXX05EH Datasheet
77Kb / 13P
   0.5 A very low VF MEGA Schottky barrier rectifiers
Rev. 01-12 April 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com