Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE302C090FBM+H Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE302C090FBM+H
Description  Low Voltage Detector with Built-in Delay Circuit
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE302C090FBM+H Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE302C090FBM+H Datasheet HTML 1Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 2Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 3Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 4Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 5Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 6Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 7Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 8Page - ACE Technology Co., LTD. ACE302C090FBM+H Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
 
                                                                                                                      
ACE302
                        Technology
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
3
Block diagram
N channel open-drain
CMOS output
Electrical Characteristics
ACE302N090DBM+ (0.9V)
(Topt=25℃, Unless otherwise specified)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
0.882
0.9
0.918
V
ISS
Current consumption
VDD=2.9V
1
1.5
uA
VDDH
Maximum operating voltage
10
V
VDDL
Minimum Operating voltage
0.5
V
Nch
VDS=0.05V,VDD=0.7V
VDS=0.50V,VDD=0.8V
0.01
0.05
0.05
0.50
mA
IOUT
Output current
Pch
VDS=-2.1V,VDD=4.50V
1.0
2.0
mA
ACE302N270DBM+ (2.7V)
(Topt=25℃, Unless otherwise specified)
Reference data
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
-VDET
Detector Threshold
2.646
2.7
2.754
V
ISS
Current consumption
VDD=4.7V
0.5
1
uA
VDDH
Maximum operating voltage
10
V
VDDL
Minimum Operating voltage
0.5
V
Nch
VDS=0.05V,VDD=0.7V
0.01
0.05
mA
IOUT
Output current
Pch
VDS=-2.1V,VDD=4.50V
1.0
2.0
mA


Similar Part No. - ACE302C090FBM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302C090FBM+H ACE-ACE302C090FBM+H Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
More results

Similar Description - ACE302C090FBM+H

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
   Low Voltage Detector With Built-in Delay Circuit
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
   Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
   Low Voltage Detector with built-in Delay Circuit
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
   Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302A ACE-ACE302A Datasheet
536Kb / 10P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
   Low Voltage Detector with Built-in Delay Circuit
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
   Low Voltage Detector with Built-in Delay Circuit
BL8509C BELLING-BL8509C Datasheet
573Kb / 7P
   Low Voltage Detector With Built-in Delay Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com