Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCD-24 Datasheet(PDF) 6 Page - Recom International Power

Part # RCD-24
Description  Constant Current LED Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RCD-24 Datasheet(HTML) 6 Page - Recom International Power

  RCD-24 Datasheet HTML 1Page - Recom International Power RCD-24 Datasheet HTML 2Page - Recom International Power RCD-24 Datasheet HTML 3Page - Recom International Power RCD-24 Datasheet HTML 4Page - Recom International Power RCD-24 Datasheet HTML 5Page - Recom International Power RCD-24 Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
I-58
www.recom-electronic.com
REV: 1/2010
INNOLINE
DC/DC-Converter
RCD-24
Series
Package Style and Pinning
3rd angle
projection
Wire Connections
RCD-24/W Series
Wire #
Function
Comments
1 (Red)
+Vin
DC Supply
4 (Black)
GND
Do not connect to -Vout
5 (Brown)
-Vout
LED Cathode Connection
6 (Yellow)
+Vout
LED Anode Connection
Wire length = 100mm + 10mm stripped & tinned = 110mm total
Wire outside diameter = 1.6mm
Wire core diameter = 0.75mm
Wire is UL/CSA listed/ 22AWG / 300V Rated
Wire Connections
RCD-24/W/X Series
Wire #
Function
Comments
2 (Green)
Ana Dimming
/X1
3 (Blue)
PWM Dimming
/X2
2 + 3 (Green + Blue)
Ana + PWM Dimming
/X3
Wire length = 100mm + 10mm stripped & tinned = 110mm total
Wire outside diameter = 1.6mm
Wire core diameter = 0.75mm
Wire is UL/CSA listed/ 22AWG / 300V Rated
Bottom View
/W/X1 Version
6
1
4
5
2
Bottom View
/W/X2 Version
6
1
4
5
3
Bottom View
/W/X3 Version
6
1
4
5
3
2
7.6
17.5
7.6
17.5
7.6
17.5
Wired Versions
Bottom View
/W Version
6
1
4
5
7.6
17.5
Wired Versions are packed in bags - 5pcs per bag.


Similar Part No. - RCD-24

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RCD-24 RECOM-RCD-24 Datasheet
178Kb / 4P
   Constant Current Single Output
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
178Kb / 4P
   Constant Current Single Output
RCD-24-0.30 RECOM-RCD-24-0.30 Datasheet
109Kb / 3P
   SMD Constant Current LED Driver
RCD-24-0.30-PL RECOM-RCD-24-0.30-PL Datasheet
109Kb / 3P
   Constant Current LED Driver
RCD-24-0.30/PL RECOM-RCD-24-0.30/PL Datasheet
109Kb / 3P
   Constant Current LED Driver
More results

Similar Description - RCD-24

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
   Constant Current LED Driver
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
   Constant Current LED Driver
logo
First Silicon Co., Ltd
FC2082G FS-FC2082G Datasheet
1Mb / 12P
   LED CONSTANT CURRENT DRIVER
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
   Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
   Constant Current LED Driver
2016/09/23
logo
Texas Instruments
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
[Old version datasheet]   CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
   Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
   Constant Current LED Driver.
logo
DIWELL Electronics Co.,...
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
   Constant Current LED Driver
2016/09/12
logo
Rohm
BD1754HFN ROHM-BD1754HFN_15 Datasheet
1Mb / 21P
   Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com