Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

956299-6 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 956299-6
Description  SOLARLOK Photovoltaic Interconnection System
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

956299-6 Datasheet(HTML) 3 Page - Tyco Electronics

  956299-6 Datasheet HTML 1Page - Tyco Electronics 956299-6 Datasheet HTML 2Page - Tyco Electronics 956299-6 Datasheet HTML 3Page - Tyco Electronics 956299-6 Datasheet HTML 4Page - Tyco Electronics 956299-6 Datasheet HTML 5Page - Tyco Electronics 956299-6 Datasheet HTML 6Page - Tyco Electronics 956299-6 Datasheet HTML 7Page - Tyco Electronics 956299-6 Datasheet HTML 8Page - Tyco Electronics 956299-6 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
The SOLARLOK Concept
SOLARLOK Photovoltaic Interconnection System
Catalog 889753-3
Revised 9-2009
All dimensions are in millimeters unless otherwise specified. All specifications subject to change.
Consult Tyco Electronics for latest specifications.
1
System Features
Junction Box
I Variable wiring options
I Easily accessible
I Simple, fast and cost-effective
assembly
I Flat, low profile design
I High current carrying capacity
I Good thermal balance
I Connectorized or direct wire
configurations
I Up to four outputs possible
I Up to six internal rails
I Customer-specific solutions
I TÜV and UL approved
Connector
I Simple on-site processing
I Mating safety provided by
keyed housings
I Semi-automatic assembly
capability possible
I Multiple plugging and
unplugging cycles
I Accomodates solar cable with
different insulation diameters
I High current carrying capacity
I Wide temperature operating
range
I TÜV and UL approved
Solar Cable
I Dual wall insulation
I Electron beam cross-linked
I Excellent resistance to U.V.,
water, ozone, fluids, salt,
general weathering
I Excellent resistance to abrasion
I Halogen free, flame retardant,
low toxicity
I Very low smoke emissions
I Excellent flexibility and
stripping performance
I Different cable diameters
I Operating Temperature from
–40 °C up to +125 °C
I Voltage Rating up to 1800 V DC
I Short circuit resistant
up to +250 °C
I TÜV and UL approved
Simple and Reliable
System Interconnection of
Individual Solar Modules
Right to the DC/AC
Converters
Market expansion of the formerly
regulated energy supply sector,
increased global environmental
awareness and governments
committing themselves to more
stringent environmental targets
have opened up new opportunities
for the photovoltaic industry.
Having served a niche market
in the past, the photovoltaics
industry now has the opportunity
to move into mass production,
realizing economies of scale and
gaining a greater market share
of the world’s energy mix.
Tyco Electronics will be con-
tributing to the establishment of
this environmentally-friendly
technology with the introduction
of its SOLARLOK connector
system.
SOLARLOK delivers a flexible
system solution for easy and
reliable interconnections from
photovoltaic modules to the
DC/AC converter. The entire
system concept is based on cost-
effective and reliable processing
of individual interconnection
system components. This
significantly reduces installation
costs of the solar energy system.
The junction box concept is
based on a flexible, open system
structure, which allows serial as
well as parallel interconnection
via direct wire connect or
separable connectors. Within the
junction box, up to six termina-
tion places rails are available for
photovoltaic foil connection.
The male and female cable
coupler was designed for high
voltage and high current-carrying
capacity in addition to the well-
established IP 67 sealing require-
ment in the photovoltaic industry.
Mating safety is provided by
polarity keyed housings, fully
shrouded contacts, reliable high
cycle life, and squeeze to release
connection system. In addition,
a wide temperature range and ful-
fillment of worldwide standards
for photovoltaic connection
systems complement the robust
product specification.
The design of the male and
female receptacle for the junction
box and the DC/AC converter
follow the cable coupler “click
philosophy” for quick and secure
mating even in difficult mounting
positions.
If required by the customer, the
junction box can be delivered
pre-configured with diodes,
jumpers, plug connectors, and
solar cable pigtails.


Similar Part No. - 956299-6

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9562 BELDEN-9562 Datasheet
142Kb / 2P
   Audio, Control & Instrument, #24-2pr, PVC, PVC Jkt, CMG
05-05-2023
9562.0601000 BELDEN-9562.0601000 Datasheet
142Kb / 2P
   Audio, Control & Instrument, #24-2pr, PVC, PVC Jkt, CMG
05-05-2023
9562.060500 BELDEN-9562.060500 Datasheet
142Kb / 2P
   Audio, Control & Instrument, #24-2pr, PVC, PVC Jkt, CMG
05-05-2023
9562.060U1000 BELDEN-9562.060U1000 Datasheet
142Kb / 2P
   Audio, Control & Instrument, #24-2pr, PVC, PVC Jkt, CMG
05-05-2023
9562.060U500 BELDEN-9562.060U500 Datasheet
142Kb / 2P
   Audio, Control & Instrument, #24-2pr, PVC, PVC Jkt, CMG
05-05-2023
More results

Similar Description - 956299-6

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-1375582-7 MACOM-5-1375582-7 Datasheet
4Mb / 98P
   AMPMODU Interconnection System
1-146134-7 MACOM-1-146134-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146261-7 MACOM-1-146261-7 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-102974-0 MACOM-1-102974-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
4-146260-0 MACOM-4-146260-0 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
1-146139-5 MACOM-1-146139-5 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
103309-1 MACOM-103309-1 Datasheet
12Mb / 321P
   AMPMODU Interconnection System
767054-1 MACOM-767054-1 Datasheet
945Kb / 28P
   STEP-Z Interconnection System
logo
TE Connectivity Ltd
1654400-1 TEC-1654400-1 Datasheet
5Mb / 64P
   GET.64 Interconnection System
4-2010.
logo
List of Unclassifed Man...
SMS9H1 ETC2-SMS9H1 Datasheet
508Kb / 8P
   TRIM TRIO INTERCONNECTION SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com