Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP3428T-EMC Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MCP3428T-EMC
Description  16-Bit, Multi-Channel Analog-to-Digital Converter with I2C Interface and On-Board Reference
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MCP3428T-EMC Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MCP3428T-EMC Datasheet HTML 7Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 8Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 9Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 10Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 11Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 12Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 13Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 14Page - Maxim Integrated Products MCP3428T-EMC Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
© 2009 Microchip Technology Inc.
DS22226A-page 11
MCP3426/7/8
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Inputs (CHn+, CHn-)
CHn+ and CHn- are differential input pins for
channel n. The user can also connect CHn- pin to VSS
for a single-ended operation. See Figure 6-4 for
differential and single-ended connection examples.
The maximum voltage range on each differential input
pin is from VSS-0.3V to VDD+0.3V. Any voltage below or
above this range will cause leakage currents through
the Electrostatic Discharge (ESD) diodes at the input
pins.
This ESD current can cause unexpected performance
of the device. The input voltage at the input pins should
be within the specified operating range defined in
Section 1.0
“Electrical
Characteristics”
and
Section 4.0 “Description of Device Operation”.
See Section 4.5 “Input Voltage Range” for more
details of the input voltage range.
Figure 3-1 shows the input structure of the device. The
device uses a switched capacitor input stage at the
front end. CPIN is the package pin capacitance and
typically about 4 pF. D1 and D2 are the ESD diodes.
CSAMPLE is the differential input sampling capacitor.
3.2
Supply Voltage (VDD, VSS)
VDD is the power supply pin for the device. This pin
requires an appropriate bypass ceramic capacitor of
about 0.1 µF to ground to attenuate high frequency
noise presented in application circuit board. An
additional 10 µF capacitor (tantalum) in parallel is also
recommended to further attenuate current spike
noises. The supply voltage (VDD) must be maintained
in the 2.7V to 5.5V range for specified operation.
VSS is the ground pin and the current return path of the
device. The user must connect the VSS pin to a ground
plane through a low impedance connection. If an
analog ground path is available in the application PCB
(printed circuit board), it is highly recommended that
the VSS pin be tied to the analog ground path or
isolated within an analog ground plane of the circuit
board.
MCP3426
MCP3427
MCP3428
Sym
Function
DFN
MSOP,
SOIC
DFN
MSOP
SOIC,
TSSOP
1
1
1
1
1
CH1+
Positive Differential Analog Input Pin of Channel 1
2
2
2
2
2
CH1-
Negative Differential Analog Input Pin of Channel 1
7
7
4
4
3
CH2+
Positive Differential Analog Input Pin of Channel 2
8
8
5
5
4
CH2-
Negative Differential Analog Input Pin of Channel 2
66
3
3
5
VSS
Ground Pin
33
6
6
6
VDD
Positive Supply Voltage Pin
4
4
7
7
7
SDA
Bidirectional Serial Data Pin of the I2C Interface
5
5
8
8
8
SCL
Serial Clock Pin of the I2C Interface
——
9
9
9
Adr0
I2C Address Selection Pin. See Section 5.3.2.
10
10
10
Adr1
I2C Address Selection Pin. See Section 5.3.2.
11
CH3+
Positive Differential Analog Input Pin of Channel 3
12
CH3-
Negative Differential Analog Input Pin of Channel 3
13
CH4+
Positive Differential Analog Input Pin of Channel 4
14
CH4-
Negative Differential Analog Input Pin of Channel 4
9
11
EP
Exposed Thermal Pad (EP); must be connected to
VSS


Similar Part No. - MCP3428T-EMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3428 MICROCHIP-MCP3428 Datasheet
950Kb / 56P
   16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
   16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
More results

Similar Description - MCP3428T-EMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3428-ESL MICROCHIP-MCP3428-ESL Datasheet
950Kb / 56P
   16-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
03/26/09
MCP3425 MICROCHIP-MCP3425_09 Datasheet
734Kb / 38P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
MCP3425 MICROCHIP-MCP3425 Datasheet
497Kb / 30P
   16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2007
MCP3422 MICROCHIP-MCP3422 Datasheet
1Mb / 58P
   18-Bit, Multi-Channel ?誇 Analog-to-Digital Converter with I2C??Interface and On-Board Reference
2009
MCP3421 MICROCHIP-MCP3421 Datasheet
1Mb / 30P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2006
MCP3421 MICROCHIP-MCP3421_09 Datasheet
761Kb / 42P
   18-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
2009
logo
Texas Instruments
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Burr-Brown (TI)
DAC7741 BURR-BROWN-DAC7741 Datasheet
421Kb / 10P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
DAC7742 BURR-BROWN-DAC7742 Datasheet
376Kb / 17P
   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
logo
Texas Instruments
DAC7741 TI1-DAC7741_15 Datasheet
970Kb / 23P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com