Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX2832 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX2832
Description  2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2832 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX2832 Datasheet HTML 1Page - Maxim Integrated Products MAX2832 Datasheet HTML 2Page - Maxim Integrated Products MAX2832 Datasheet HTML 3Page - Maxim Integrated Products MAX2832 Datasheet HTML 4Page - Maxim Integrated Products MAX2832 Datasheet HTML 5Page - Maxim Integrated Products MAX2832 Datasheet HTML 6Page - Maxim Integrated Products MAX2832 Datasheet HTML 7Page - Maxim Integrated Products MAX2832 Datasheet HTML 8Page - Maxim Integrated Products MAX2832 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
2.4GHz to 2.5GHz 802.11g/b
RF Transceivers with Integrated PA
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(MAX2831 EV kit: VCC_ = 2.7V to 3.6V, VCCPA = VCCTXPA = 2.7V to 4.2V, TA = -40°C to +85°C, Rx set to the maximum gain. CS =
high, RXHP = SCLK = DIN = low, RSSI and clock output buffer are off, no signal at RF inputs, all RF inputs and outputs terminated
into 50
Ω, receiver baseband outputs are open. 100mVRMS differential I and Q signals (54Mbps IEEE 802.11g OFDM) applied to I/Q
baseband inputs of transmitter in transmit mode, fREF = 40MHz, and registers set to recommended settings and corresponding test
mode, unless otherwise noted. Typical values are at VCC = 2.8V, VCCPA = 3.3V, and TA = +25°C, LO frequency = 2.437GHz, unless
otherwise noted. RF inputs/outputs specifications are referenced to device pins and do not include 1dB loss from EV kit PCB, balun,
and SMA connectors.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCCTXPA, VCCPA and TXRF_ to GND ....................-0.3V to +4.5V
VCCLNA, VCCTXMX, VCCPLL, VCCCP, VCCXTAL, VCCVCO,
VCCRXVGA, VCCRXFL, and VCCRXMX_ to GND....-0.3V to +3.9V
B6, B7, B3, B2, SHDN, B5, CS, SCLK, DIN, B1, TUNE, B4,
TXBBI_, TXBBQ_, RXHP, RXTX, RXBBI_, RXBBQ_, RSSI,
BYPASS, CPOUT, LD, CLOCKOUT, XTAL, CTUNE, RXRF_ to
GND .......................................-0.3V to (Operating VCC + 0.3V)
RXBBI_, RXBBQ_, RSSI, BYPASS, CPOUT, LD, CLOCKOUT
Short-Circuit Duration ..........................................................10s
RF Input Power ...............................................................+10dBm
Continuous Power Dissipation (TA = +70°C)
48-Pin Thin QFN (derates 27.8mW/°C above +70°C).....2.22W
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+260°C
Soldering Temperature (reflow) .......................................+260°C
CAUTION! ESD SENSITIVE DEVICE
PARAMETERS
CONDITIONS
MIN
TYP
MAX
UNITS
VCC_
2.7
3.6
Supply Voltage
VCCPA, VCCTXPA
2.7
4.2
V
Shutdown mode,
B7: B1 = 0000000,
reference oscillator not
applied
TA = +25°C
20
µA
TA = +25°C
28
35
Standby mode
TA = -40°C to +85°C
35
TA = +25°C
62
78
Rx mode
TA = -40°C to +85°C
82
MAX2831, transmit section
82
104
MAX2831, PA, POUT = +18.2dBm
209
258
Tx mode, TA = +25°C,
VCC = 2.8V, VCCPA =
3.3V, (Note 2)
MAX2832
86
Rx calibration mode
TA = +25°C
101
Supply Current
Tx calibration mode
TA = +25°C
78
mA
Rx I/Q Output Common-Mode
Voltage
TA = +25°C
0.98
1.2
1.33
V
TA = -40°C (relative to TA = +25°C)
-17
Rx I/Q Output Common-Mode
Voltage Variation
TA = +85°C (relative to TA = +25°C)
15
mV
Tx Baseband Input Common-
Mode Voltage Operating Range
DC-coupled
0.9
1.3
V
Tx Baseband Input Bias Current
Source current
22
µA


Similar Part No. - MAX2832

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2832 MAXIM-MAX2832 Datasheet
777Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2832ETM MAXIM-MAX2832ETM Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
MAX2832ETMT MAXIM-MAX2832ETMT Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
More results

Similar Description - MAX2832

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2831 MAXIM-MAX2831_11 Datasheet
978Kb / 34P
   2.4GHz to 2.5GHz 802.11g/b RF Transceivers with Integrated PA
Rev 2; 3/11
MAX2830 MAXIM-MAX2830_11 Datasheet
777Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 2; 3/11
MAX2830 MAXIM-MAX2830 Datasheet
747Kb / 33P
   2.4GHz to 2.5GHz 802.11g/b RF Transceiver, PA, and Rx/Tx/Antenna Diversity Switch
Rev 1; 7/09
logo
RF Micro Devices
RFPA5200 RFMD-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
logo
Qorvo, Inc
RFPA5200 QORVO-RFPA5200 Datasheet
811Kb / 8P
   3.3V to 5.0V, 2.4GHz to 2.5GHz Integrated PA Module
RFPA5208 QORVO-RFPA5208 Datasheet
133Kb / 2P
   Wi-Fi PA 2.4GHz to 2.5Ghz
logo
Samsung semiconductor
S1T8536 SAMSUNG-S1T8536 Datasheet
334Kb / 24P
   2.4GHZ-2.5GHZ SINGLE-CHIP RF TRANSCEIVER
logo
Maxim Integrated Produc...
MAX2242 MAXIM-MAX2242 Datasheet
191Kb / 9P
   2.4GHz to 2.5GHz Linear Power Amplifier
19-1912; Rev 3; 11/03
logo
Qorvo, Inc
RF5565 QORVO-RF5565 Datasheet
1Mb / 14P
   2.4GHz TO 2.5GHz, 802.11b/g/n WiFi 2.4GHz TO 2.5GHz, 802.11b/g/n WiFi
logo
RF Micro Devices
RFPA5208 RFMD-RFPA5208 Datasheet
195Kb / 7P
   WiFi Power Amplifier 2.4GHz to 2.5GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com