Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603C106M3NAC Datasheet(PDF) 2 Page - Kemet Corporation

Part # C0603C106M3NAC
Description  Surface Mount Ceramic Chip Capacitors X8L Dielectric
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603C106M3NAC Datasheet(HTML) 2 Page - Kemet Corporation

  C0603C106M3NAC Datasheet HTML 1Page - Kemet Corporation C0603C106M3NAC Datasheet HTML 2Page - Kemet Corporation C0603C106M3NAC Datasheet HTML 3Page - Kemet Corporation C0603C106M3NAC Datasheet HTML 4Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Bulletin
Qualification Certification:
Automotive Grade Available: AEC-Q200 Rev. C
RoHS-PRC (6/6) - 100% matte Sn termination
Electrical Parameters:
As detailed in the KEMET Surface Mount Catalog F3102 for X8L, with following specific requirements based on room temperature
(25°C) parameters:
• Operating Temperature Range: -55°C to +150°C
• Temperature Coefficient of Capacitance : ±15% (-55 to 125ºC)
+15, -40% (125 to 150ºC)
• Insulation Resistance (IR) measured after 2 minutes at rated voltage @ 25°C:
Limit is 1000 megohm microfarads or 100GΩ, whichever of the two is smaller.
• Capacitance and Dissipation Factor (DF) measured under the following conditions:
1kHz and 1 Vrms
DF Limits are:
10 Volts: 3.5%
25 and 50 volts: 2.5%
Soldering Process
All parts incorporate the standard KEMET barrier layer of pure nickel, with an overplate of pure tin to provide excellent solderability as
well as resistance to leaching. The recommended techniques are as follows:
• 0402 and ≥1210 Case Sizes - Solder Reflow Only
• 0603/0805/1206 Case Sizes - Solder Wave/Solder Reflow
Marking
These chips will be supplied unmarked. If required, they can be laser-marked as an extra option. Details on the marking format are
included in KEMET Surface Mount catalog F3102.
In general, the information in the KEMET Surface Mount catalog F3102 applies to these capacitors. The information in this bulletin
supplements that in the catalog.
C
1206
C
106
K
8
N
A
C
Ceramic
Case
Size
(L"x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Voltage
Dielectric
Failure Rate/
Design
End Metallization
(Plated)
0402
0603
0805
1206
1210
C = Standard
X = Flexible
Termination
(Not avail-
able w/SnPd)
2 Sig. Digits +
Number of
Zeros
J = ±5%
K = ±10%
M = ±20%
8 = 10V
3 = 25V
5 = 50V
N = X8L
A = N/A
C = 100% Matte Sn
L = SnPb (5% min)
Ordering Information
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F4001 11/09


Similar Part No. - C0603C106M3NAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603C106M3NACTU KEMET-C0603C106M3NACTU Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results

Similar Description - C0603C106M3NAC

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0402C123RAC KEMET-C0402C123RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C1812C47515RAC KEMET-C1812C47515RAC Datasheet
84Kb / 1P
   Surface Mount Ceramic Chip Capacitors - X7R Dielectric
C0805C226M9PAC KEMET-C0805C226M9PAC Datasheet
125Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1206C275K4RAC KEMET-C1206C275K4RAC Datasheet
23Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0603C125K8PAC KEMET-C0603C125K8PAC Datasheet
42Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C107M9PAC KEMET-C1210C107M9PAC Datasheet
133Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C0603C2759PAC KEMET-C0603C2759PAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C1210C27619PAC KEMET-C1210C27619PAC Datasheet
26Kb / 2P
   Surface Mount Ceramic Chip Capacitors X5R Dielectric
C0603C274K9RAC KEMET-C0603C274K9RAC Datasheet
31Kb / 2P
   Surface Mount Ceramic Chip Capacitors X7R Dielectric
C0402C471F3GAC KEMET-C0402C471F3GAC Datasheet
50Kb / 2P
   Surface Mount Ceramic Chip Capacitors - C0G Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com