Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

53253-0670 Datasheet(PDF) 1 Page - MolexKits

Part # 53253-0670
Description  Receptacles, Vertical Headers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

53253-0670 Datasheet(HTML) 1 Page - MolexKits

  53253-0670 Datasheet HTML 1Page - MolexKits 53253-0670 Datasheet HTML 2Page - MolexKits 53253-0670 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet for 76650-0230
General Information
Kit Part Number:
76650-0230
Connector Type:
Wire-to-Board
Solution:
Off the Board
Molex Family:
Micro-Latch™, Mini-Latch™, Mini-Lock™
Certificates:
N/A
Country of Origin:
Kit assembled in U.S.A
Specifications
Circuit Size:
3, 4, 6
Current Rating:
0.5-2A, 1.5-3A, 3A
Mounting Style:
PCB Through Hole
Orientation:
Receptacles, Vertical Headers
Pitch:
2.00mm (.079"), 2.50mm (.098")
Tool Included:
No
Voltage Rating:
125V, 250V
Wire Gauge (AWG):
28-22, 30-24
Product Hightlights
Mini-Lock™ is a versatile wire-to-board system from Molex for a broad range of 2.50mm (.098") pitch industry standard applications. The kit
includes vertical headers. Mini-Lock™ is fully shrouded to protect contacts, and includes high guide walls to facilitate mating. Mini-Latch™
connectors provide a reliable interface for industry-standard 2.50mm (.098" ) wire-to-board applications. The system includes a box-style contact
design and housing-side terminal latch to provide protection to the contact area during and after assembly. The durable housing also includes
guide rails and molded tabs to facilitate mating and unmating. Micro-Latch™ connectors provide a reliable connection interface for industry
standard 2.00mm (.079") wire-to-board applications. The kit includes female crimp terminals, receptacle housings and semi-shrouded vertical
headers. The connector applies a friction lock mechanism where the noses on the receptacle housings slide into the header wall openings. This
ensures a durable mating and protection of the electrical circuits.
Features and Benefits
• Four point contact design for good electrical reliability
• Box-style contact protects contact area
• Polarizing features ensures proper mating
• Friction lock for good mating retention
• Surface Mount Component vertical header is reflow process capable
• Fully shrouded headers to protect pins
• Uses popular terminals
• Thumb-latch locking feature for easy mating and unmating
• High guide walls to facilitate mating
Applications
• Data Communication Equipment
• White goods
• Vending machines
Page 1


Similar Part No. - 53253-0670

ManufacturerPart #DatasheetDescription
logo
MolexKits
53253-0670 MOLEXKITS-53253-0670 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
53253-0670 MOLEXKITS-53253-0670 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
53253-0670 MOLEXKITS-53253-0670 Datasheet
23Kb / 3P
   PCB Through Hole, SMT (Surface Mount Technology)
logo
Molex Electronics Ltd.
53253-0670 MOLEX7-53253-0670 Datasheet
161Kb / 4P
   2.00mm (.079") Pitch Micro-Latch??Wire-to-Board Header, Vertical, Square PinThree-sided Shroud, Lead-free, 6 Circuits
More results

Similar Description - 53253-0670

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-146134-6 MACOM-5-146134-6 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles
5-103169-3 MACOM-5-103169-3 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146130-4 MACOM-5-146130-4 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
5-146269-1 MACOM-5-146269-1 Datasheet
3Mb / 96P
   AMPMODU Headers and Receptacles, .100 [2.54] Centerline
logo
MolexKits
76650-0232 MOLEXKITS-76650-0232 Datasheet
21Kb / 3P
   Plugs, Vertical Receptacles
logo
Molex Electronics Ltd.
46207-0004 MOLEX-46207-0004 Datasheet
190Kb / 2P
   Mini-Fit RTC??Vertical Headers
logo
Major League Electronic...
TTSHSM-5-DV MAJOR-LEAGUE-TTSHSM-5-DV Datasheet
95Kb / 2P
   Thicker Terminal Strip Headers - Vertical
logo
Ironwood Electronics.
CA-QFE32SA-M-N-T-01 IRONWOOD-CA-QFE32SA-M-N-T-01 Datasheet
166Kb / 1P
   Emulator Adaptor 32 position headers (0.100" centers) to 32 position receptacles.
logo
Tyco Electronics
440054-2 MACOM-440054-2 Datasheet
443Kb / 5P
   2.0 MM PITCH HPI VERTICAL POST HEADERS
logo
Dubilier
DBCIDCB13S04BG1 DUBILIER-DBCIDCB13S04BG1 Datasheet
130Kb / 1P
   FEMALE HEADERS FEMALE HEADERS - 4.5mm PROFILE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com