Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JUMT1225MHD Datasheet(PDF) 1 Page - Nichicon corporation

Part # JUMT1225MHD
Description  ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

JUMT1225MHD Datasheet(HTML) 1 Page - Nichicon corporation

  JUMT1225MHD Datasheet HTML 1Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Item
Performance Characteristics
ELECTRIC DOUBLE LAYER CAPACITORS "EVerCAP "
UM
series
Radial Lead Type, High Voltage
High voltage type (2.7V).
Suitable for quick charge and discharge.
Wide temperature range (25 to +70°C).
Adapted to the RoHS directive (2002/95/EC).
Drawing
Type numbering system (Example : 2.7V 10F)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Stability at Low Temperature
Endurance
Shelf Life
Marking
– 25 to +70°C
2.7V
0.47 to 47F
See Note
± 20% , 20°C
0.5C (mA) [ C : Rated Capacitance(F)] (After 30 minutes' application of rated voltage, 2.7V)
Printed with white color letter on black sleeve.
Capacitance (– 25°C) / Capacitance (+20°C)
×100 70%
ESR, DCR*
Refer to the list below (20°C). *DC internal resistance
The specifications listed at right shall be met when the capacitors
are restored to 20°C after the rated voltage is applied for 1000 hours
at 70°C.
The specifications listed at right shall be met when the capacitors
are restored to 20°C after storing the capacitors under no load
for 1000 hours at 70°C.
Specifications
J
1
U
2
M
3
T
4
1
5
1
6
0
7
6
8
M
9
H
10
D
11
Configuration
Capacitance tolerance (
±20%)
Rated Capacitance (10F)
Rated voltage (2.7V)
Series name
Type
φ D
8
10
Pb-free lead finishing
Pb-free PET sleeve
PD
6.3
ED
12.5 to 18
HD
Configuration
φD
P
8
3.5
φd
0.6
6.3
2.5
0.5
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(
φD < 10) 1.5
(
φD 10) 2.0
L+ MAX.
15MIN
4MIN
φd
Pressure
relief vent
Sleeve (P.E.T.)
(mm)
In case L>25 for the
φ12.5 dia unit, lead dia φd=0.8
Rated Voltage
( Code )
Rated
Capacitance
(F)
1.0
105
Code
8
× 11.5
0.47
474
6.3
× 9
2.2
225
8
× 20
3.3
335
2.7V
(T1)
10
× 20
4.7
475
12.5
× 20
10
106
12.5
× 31.5
22
226
16
× 31.5
33
336
18
× 31.5
47
476
2
ESR
(
Ω)
(at 1kHz)
4
2
1
0.4
0.2
0.2
0.1
0.1
5
DCR
(
Ω)
9
2
1.5
1
0.3
0.2
0.1
0.1
18
× 40
Case size
φ D × L (mm)
Dimensions
Capacitance change
ESR
Leakage current
Within ±30% of initial value
300% or less of initial specified value
Less than or equal to the initial specified value
Capacitance change
ESR
Leakage current
Within ±30% of initial value
300% or less of initial specified value
Less than or equal to the initial specified value
Note :
The capacitance calculated from discharge time (
∆T) with
constant current ( i ) after 30minuite charge with rated
voltage (2.7V).
The discharge current ( i ) is 0.01
× F (rated capacitance).
A discharge time (
∆T) measured between 2V and 1V with
constant current.
The capacitance calculated bellow.
Capacitance (F) = i
× ∆T
• Please refer to page 20 for end seal configulation.
UM
UC
High Voltage
CAT.8100X


Similar Part No. - JUMT1225MHD

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
JUMP-S0021 OPLINK-JUMP-S0021 Datasheet
147Kb / 2P
   Optical Jumper Cable
logo
Intersil Corporation
JUMPER-3-100 INTERSIL-JUMPER-3-100 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
JUMPER2-100 INTERSIL-JUMPER2-100 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
JUMPER2_100 INTERSIL-JUMPER2_100 Datasheet
2Mb / 9P
   ISL8225MEVAL4Z Dual 15A/Optional 30A Cascadable Evaluation Board Setup Procedure
logo
Schurter Inc.
JUMPERWIRE1 SCHURTER-JUMPERWIRE1 Datasheet
205Kb / 2P
   Connection with Stranded Cable
19.08.2020
More results

Similar Description - JUMT1225MHD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJC NICHICON-JJC Datasheet
45Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJD NICHICON-JJD Datasheet
106Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JJL NICHICON-JJL Datasheet
109Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS EVerCAP
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
   Electric Double Layer Capacitors
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
   ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com