Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT3906VS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMBT3906VS
Description  40 V, 200 mA PNP/PNP switching transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT3906VS Datasheet(HTML) 4 Page - NXP Semiconductors

  PMBT3906VS Datasheet HTML 1Page - NXP Semiconductors PMBT3906VS Datasheet HTML 2Page - NXP Semiconductors PMBT3906VS Datasheet HTML 3Page - NXP Semiconductors PMBT3906VS Datasheet HTML 4Page - NXP Semiconductors PMBT3906VS Datasheet HTML 5Page - NXP Semiconductors PMBT3906VS Datasheet HTML 6Page - NXP Semiconductors PMBT3906VS Datasheet HTML 7Page - NXP Semiconductors PMBT3906VS Datasheet HTML 8Page - NXP Semiconductors PMBT3906VS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PMBT3906VS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 20 August 2009
4 of 11
NXP Semiconductors
PMBT3906VS
40 V, 200 mA PNP/PNP switching transistor
7.
Characteristics
FR4 PCB, standard footprint
Fig 2.
Per transistor: Transient thermal impedance from junction to ambient as a function of pulse duration;
typical values
006aab605
10−5
10
10−2
10−4
102
10−1
tp (s)
10−3
103
1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle =
1
0.75
0.5
0.33
0.2
0.1
0.05
0.02
0.01
0
Table 8.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
ICBO
collector-base cut-off
current
VCB = −30 V; IE =0A
-
-
−50
nA
IEBO
emitter-base cut-off
current
VEB = −6 V; IC =0A
-
-
−50
nA
hFE
DC current gain
VCE = −1V
IC = −0.1 mA
60
180
-
IC = −1 mA
80
180
-
IC = −10 mA
100
180
300
IC = −50 mA
60
130
-
IC = −100 mA
30
50
-
VCEsat
collector-emitter
saturation voltage
IC = −10 mA; IB = −1mA
-
−100
−250
mV
IC = −50 mA; IB = −5mA
-
−165
−400
mV
VBEsat
base-emitter
saturation voltage
IC = −10 mA; IB = −1mA
-
−750
−850
mV
IC = −50 mA; IB = −5mA
-
−850
−950
mV
td
delay time
VCC = −3V;
IC = −10 mA;
IBon = −1 mA;
IBoff =1mA
--35
ns
tr
rise time
-
-
35
ns
ton
turn-on time
-
-
70
ns
ts
storage time
-
-
225
ns
tf
fall time
-
-
75
ns
toff
turn-off time
-
-
300
ns


Similar Part No. - PMBT3906VS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
   40 V, 200 mA PNP/PNP switching transistor
28 December 2022
More results

Similar Description - PMBT3906VS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
   40 V, 200 mA PNP/PNP switching transistor
28 December 2022
PMBT3906MB NEXPERIA-PMBT3906MB Datasheet
254Kb / 11P
   40 V, 200 mA PNP switching transistor
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
   40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
logo
NXP Semiconductors
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
PMST3906 NXP-PMST3906 Datasheet
84Kb / 10P
   40 V, 200 mA PNP switching transistor
Rev. 05-29 April 2009
logo
Nexperia B.V. All right...
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
logo
NXP Semiconductors
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
   40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
logo
Nexperia B.V. All right...
PMBT3946VPN NEXPERIA-PMBT3946VPN Datasheet
269Kb / 12P
   40 V, 200 mA NPN/PNP switching transistor
28 December 2022
PMP3906AYS NEXPERIA-PMP3906AYS Datasheet
250Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
27 July 2022
PMP3906AYS-Q NEXPERIA-PMP3906AYS-Q Datasheet
251Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
3 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com