Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMBT3906VS Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMBT3906VS
Description  40 V, 200 mA PNP/PNP switching transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMBT3906VS Datasheet(HTML) 3 Page - NXP Semiconductors

  PMBT3906VS Datasheet HTML 1Page - NXP Semiconductors PMBT3906VS Datasheet HTML 2Page - NXP Semiconductors PMBT3906VS Datasheet HTML 3Page - NXP Semiconductors PMBT3906VS Datasheet HTML 4Page - NXP Semiconductors PMBT3906VS Datasheet HTML 5Page - NXP Semiconductors PMBT3906VS Datasheet HTML 6Page - NXP Semiconductors PMBT3906VS Datasheet HTML 7Page - NXP Semiconductors PMBT3906VS Datasheet HTML 8Page - NXP Semiconductors PMBT3906VS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PMBT3906VS_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 20 August 2009
3 of 11
NXP Semiconductors
PMBT3906VS
40 V, 200 mA PNP/PNP switching transistor
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Reflow soldering is the only recommended soldering method.
6.
Thermal characteristics
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Reflow soldering is the only recommended soldering method.
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−55
+150
°C
Tstg
storage temperature
−65
+150
°C
FR4 PCB, standard footprint
Fig 1.
Per device: Power derating curves SOT666
Table 6.
Limiting values …continued
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Tamb (°C)
−75
175
125
25
75
−25
006aab604
200
100
300
400
Ptot
(mW)
0
Table 7.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per transistor
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
521
K/W
Rth(j-sp)
thermal resistance from
junction to solder point
-
-
100
K/W
Per device
Rth(j-a)
thermal resistance from
junction to ambient
in free air
[1][2] -
-
347
K/W


Similar Part No. - PMBT3906VS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
   40 V, 200 mA PNP/PNP switching transistor
28 December 2022
More results

Similar Description - PMBT3906VS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMBT3906VS NEXPERIA-PMBT3906VS Datasheet
229Kb / 10P
   40 V, 200 mA PNP/PNP switching transistor
28 December 2022
PMBT3906MB NEXPERIA-PMBT3906MB Datasheet
254Kb / 11P
   40 V, 200 mA PNP switching transistor
PMBT3906M NEXPERIA-PMBT3906M Datasheet
207Kb / 12P
   40 V, 200 mA PNP switching transistor
Rev. 01 - 22 July 2009
logo
NXP Semiconductors
PMBT3906M NXP-PMBT3906M Datasheet
92Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 01-22 July 2009
PMST3906 NXP-PMST3906 Datasheet
84Kb / 10P
   40 V, 200 mA PNP switching transistor
Rev. 05-29 April 2009
logo
Nexperia B.V. All right...
PMST3906 NEXPERIA-PMST3906 Datasheet
199Kb / 11P
   40 V, 200 mA PNP switching transistor
Rev. 05 - 29 April 2009
logo
NXP Semiconductors
PMBT3946VPN NXP-PMBT3946VPN Datasheet
118Kb / 15P
   40 V, 200 mA NPN/PNP switching transistor
Rev. 01-31 August 2009
logo
Nexperia B.V. All right...
PMBT3946VPN NEXPERIA-PMBT3946VPN Datasheet
269Kb / 12P
   40 V, 200 mA NPN/PNP switching transistor
28 December 2022
PMP3906AYS NEXPERIA-PMP3906AYS Datasheet
250Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
27 July 2022
PMP3906AYS-Q NEXPERIA-PMP3906AYS-Q Datasheet
251Kb / 11P
   40 V, 200 mA PNP/PNP matched double transistor
3 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com