Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

35977-0400 Datasheet(PDF) 2 Page - MolexKits

Part # 35977-0400
Description  Low Profile Pos Lock Interconnect Vertical Header and Receptacle,7A 250V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

35977-0400 Datasheet(HTML) 2 Page - MolexKits

  35977-0400 Datasheet HTML 1Page - MolexKits 35977-0400 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0224
Molex Part No.
Quantity in
Kit
35922-8011-C
100
35977-0200
5
35977-0300
5
35977-0400
5
35977-0500
5
35977-0600
5
35978-0210
5
35978-0310
5
35978-0410
5
35978-0510
5
35978-0610
5
S. Korea
3.96mm (.156") MV-396™ Wire-to-Board connector
Receptacle 3 circuit
Country
of Origin
S. Korea
Description
No Recommended Molex Tool for Part No. 76650-0224
S. Korea
S. Korea
S. Korea
3.96mm (.156") MV-396™ Wire-to-Board connector
Receptacle 6 circuit
3.96mm (.156") MV-396™ Wire-to-Board connector
Receptacle 4 circuit
3.96mm (.156") MV-396™ Wire-to-Board connector
Receptacle 5 circuit
3.96mm (.156") Pitch MV-396™ Header, Vertical, 6 Circuits
S. Korea
S. Korea
S. Korea
3.96mm (.156") Pitch MV-396™ Header, Vertical, 5 Circuits
Bill of Materials for Part No. 76650-0224
MV-396™ Female Terminals Phosphor Bronze 18-20 AWG
3.96mm (.156") MV-396™ Wire-to-Board connector
Receptacle 2 circuit
S. Korea 3.96mm (.156") Pitch MV-396™ Header, Vertical, 4 Circuits
S. Korea 3.96mm (.156") Pitch MV-396™ Header, Vertical, 2 Circuits
S. Korea 3.96mm (.156") Pitch MV-396™ Header, Vertical, 3 Circuits
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 35977-0400

ManufacturerPart #DatasheetDescription
logo
MolexKits
35977-0400 MOLEXKITS-35977-0400 Datasheet
46Kb / 4P
   Low Profile Pos Lock Interconnect Vertical and Right Angle Header and Receptacle, 7A 250V
35977-0400 MOLEXKITS-35977-0400 Datasheet
42Kb / 2P
   Low Profile Pos Lock Interconnect Right Angle Header and Receptacle,7A 250V
logo
Molex Electronics Ltd.
35977-0400 MOLEX5-35977-0400 Datasheet
111Kb / 2P
   3.96mm (.156") Pitch Wire-to-Board Housing, Positive Lock, 4 Circuits
More results

Similar Description - 35977-0400

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0141 MOLEXKITS-76650-0141 Datasheet
46Kb / 4P
   Low Profile Pos Lock Interconnect Vertical and Right Angle Header and Receptacle, 7A 250V
76650-0223 MOLEXKITS-76650-0223 Datasheet
42Kb / 2P
   Low Profile Pos Lock Interconnect Right Angle Header and Receptacle,7A 250V
76650-0112 MOLEXKITS-76650-0112 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0225 MOLEXKITS-76650-0225 Datasheet
38Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0109 MOLEXKITS-76650-0109 Datasheet
43Kb / 2P
   Friction Lock Vertical Header and Receptacle
76650-0199 MOLEXKITS-76650-0199 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0200 MOLEXKITS-76650-0200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0126 MOLEXKITS-76650-0126 Datasheet
43Kb / 2P
   SMT Friction Lock Vertical Header and Receptacle
76650-0227 MOLEXKITS-76650-0227 Datasheet
38Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
76650-0106 MOLEXKITS-76650-0106 Datasheet
43Kb / 2P
   Friction Lock Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com