Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCP330 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXCP330
Description  SWITCHED CAPACITOR DC-DC CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCP330 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXCP330 Datasheet HTML 1Page - Zetex Semiconductors ZXCP330 Datasheet HTML 2Page - Zetex Semiconductors ZXCP330 Datasheet HTML 3Page - Zetex Semiconductors ZXCP330 Datasheet HTML 4Page - Zetex Semiconductors ZXCP330 Datasheet HTML 5Page - Zetex Semiconductors ZXCP330 Datasheet HTML 6Page - Zetex Semiconductors ZXCP330 Datasheet HTML 7Page - Zetex Semiconductors ZXCP330 Datasheet HTML 8Page - Zetex Semiconductors ZXCP330 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
VIN to GND
-0.3V to +7V
EN to ground
-0.3V to +7V
VOUT to ground
-0.3V to +5.5V
IOUT
150mA
Operating Temperature
-40°C to 85°C
Storage Temperature Range
-55°C to 125°C
Continuous Power Dissipation
Thermally ltd
ZXCP330
PROVISIONAL ISSUE A - DECEMBER 2001
2
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
V
IN
2.0
4.4
V
Output Voltage
Note 1
V
OUT
2V
V
IN
4.4V, I
OUT
20mA
2.5V
V
IN
4.4V, I
OUT
40mA
3.17
3.17
3.3
3.3
3.43
3.43
V
Maximum Output Current
I
O(max)
V
IN
2V
V
IN
2.5V
20
40
mA
Output Short-Circuit Current
I
SC
V
IN = 2V
125
mA
Supply Current
I
Q
2V
V
IN
4.4V , No load
20
40
A
Efficiency
V
IN=2V, IOUT = 20mA
82
%
Switching Frequency
f
OSC
Oscillator free running
500
kHz
Line Regulation (Note 2)
V
LDR
V
IN=2.5V to 4.4V, IOUT=40mA,
T
A=25°C
-50
0
50
mV
Load Regulation (Note 2)
V
LDR
I
OUT=1mA to 40mA, VIN=2.5V
T
A=25°C
-50
0
50
mV
Output Voltage Ripple
V
R
f=500kHz, V
IN=2.5V,
I
OUT = 40mA
20
mV pk-pk
Enable pin Input Threshold
High
V
EN(ON)
Device active
1.5
5.5
V
Enable pin Input Threshold
Low
V
EN(OFF)
Device shutdown
0
0.3
V
Enable pin Input current
I
EN
T
A=25°C, EN = 4.4V
100
nA
Shutdown supply Current
I
Q(SD)
E
N=0V, 2V
V
IN
4.4V,
T
A=25°C
1
A
Shutdown time (Note 3)
T
SD
V
IN = 2.5V, EN changes from
1.5V to 0.3V
20
s
V
OUT Turn-on Time
T
ON
V
IN=2V, IOUT = 0mA
500
s
Thermal Shutdown
Temperature
T
SD
135
150
165
°C
ELECTRICAL CHARACTERISTICS
TEST CONDITIONS (unless otherwise stated): TA=-40°C to 85°C, (typical values at 25°), EN =VIN,CFLY=0.22 F,
CIN=10 F, COUT=10 F
Note 1: Contact Zetex marketing for availability of alternative output voltages
Note 2: Output can deviate EITHER side of Vnominal for increased load current or line voltage
Note 3: Shutdown time is the time taken for IIN to reduce to <1 A


Similar Part No. - ZXCP330

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ZXC COILCRAFT-ZXC Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLB COILCRAFT-ZXC-116XJLB Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLC COILCRAFT-ZXC-116XJLC Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-116XJLD COILCRAFT-ZXC-116XJLD Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
ZXC-156XJLB COILCRAFT-ZXC-156XJLB Datasheet
137Kb / 2P
   Z-Axis RFID Transponder Coils ??ZXC
More results

Similar Description - ZXCP330

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
logo
Texas Instruments
LM2771 TI1-LM2771 Datasheet
1Mb / 16P
[Old version datasheet]   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
National Semiconductor ...
LM3352 NSC-LM3352 Datasheet
516Kb / 11P
   Regulated 200 mA Buck-Boost Switched Capacitor DC/DC Converter
LM2771 NSC-LM2771 Datasheet
888Kb / 10P
   Low-Ripple 250mA Switched Capacitor Step-Down DC/DC Converter
logo
Texas Instruments
REG711 TI1-REG711_16 Datasheet
737Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711-25 TI1-REG711-25 Datasheet
515Kb / 13P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
REG711 TI-REG711 Datasheet
181Kb / 10P
[Old version datasheet]   50mA SWITCHED-CAP DC/DC CONVERTER
LM3354-3.7 TI1-LM3354-3.7 Datasheet
1Mb / 14P
[Old version datasheet]   LM3354-3.7 Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
logo
National Semiconductor ...
LM3354-37 NSC-LM3354-37 Datasheet
356Kb / 11P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com