Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL260 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXCL260
Description  ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL260 Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXCL260 Datasheet HTML 3Page - Zetex Semiconductors ZXCL260 Datasheet HTML 4Page - Zetex Semiconductors ZXCL260 Datasheet HTML 5Page - Zetex Semiconductors ZXCL260 Datasheet HTML 6Page - Zetex Semiconductors ZXCL260 Datasheet HTML 7Page - Zetex Semiconductors ZXCL260 Datasheet HTML 8Page - Zetex Semiconductors ZXCL260 Datasheet HTML 9Page - Zetex Semiconductors ZXCL260 Datasheet HTML 10Page - Zetex Semiconductors ZXCL260 Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
APPLICATIONS INFORMATION
Enable Control
A TTL compatible input is provided to allow the
regulator to be shut down. A low voltage on the Enable
pin puts the device into shutdown mode. In this mode
the regulator circuit is switched off and the quiescent
current reduces to virtually zero (typically less than
10nA). A high voltage on the Enable pin ensures
normal operation.
The Enable pin can be connected to VIN or driven from
an independent source of up to 10V maximum. (e.g.
CMOS logic) for normal operation. There is no clamp
diode from the Enable pin to VIN, so the VIN pin may be
at any voltage within its operating range irrespective of
the voltage on the Enable pin.
Current Limit
The ZXCL devices include a current limit circuit which
restricts the maximum output current flow to typically
230mA. Practically the range of over-current should be
considered as minimum 160mA to maximum 800mA.
The device’s robust design means that an output short
circuit to any voltage between ground and VOUT can be
tolerated for an indefinite period.
Thermal Overload
Thermal overload protection is included on chip. When
the device junction temperature exceeds a minimum
125°C the device will shut down. The sense circuit will
re-activate the output as the device cools. It will then
cycle until the overload is removed. The thermal
overload protection will be activated when high load
currents or high input to output voltage differentials
cause excess dissipation in the device.
Start up delay
A small amount of hysteresis is provided on the Enable
pin to ensure clean switching. This feature can be used
to introduce a start up delay if required. Addition of a
simple RC network on the Enable pin provides this
function. The following diagram illustrates this circuit
connection. The equation provided enables calculation
of the delay period.
ISSUE 5 - NOVEMBER 2001
8
ZXCL250 ZXCL260 ZXCL280
ZXCL300 ZXCL330 ZXCL400
R
C
Figure 1 Circuit Connection
Td
T
= RCIn
V
V1.5
d(NOM)
IN
IN
Calculation of start up delay as above
Figure 2 Start up delay (Td)


Similar Part No. - ZXCL260

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL260 ZETEX-ZXCL260 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
ZXCL260E5 ZETEX-ZXCL260E5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL260E5TA DIODES-ZXCL260E5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL260H5 ZETEX-ZXCL260H5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL260H5TA DIODES-ZXCL260H5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL260

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Zetex Semiconductors
ZXCL200 ZETEX-ZXCL200 Datasheet
571Kb / 9P
   ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
logo
Maxim Integrated Produc...
MAX8510 MAXIM-MAX8510 Datasheet
377Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout,120mA Linear Regulators in SC70
Rev 1; 6/04
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Linear Technology
LT1129IST-3-3 LINER-LT1129IST-3-3 Datasheet
182Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
National Semiconductor ...
LP2956A NSC-LP2956A Datasheet
654Kb / 20P
   Dual Micropower Low-Dropout Voltage Regulators
logo
Linear Integrated Syste...
LT1129 LINEAR-LT1129_1 Datasheet
175Kb / 16P
   Micropower Low Dropout Regulators with Shutdown
logo
Linear Technology
LT1129 LINER-LT1129 Datasheet
276Kb / 12P
   Micropower Low Dropout Regulators with Shutdown
logo
Maxim Integrated Produc...
MAX6034 MAXIM-MAX6034 Datasheet
322Kb / 13P
   Precision, Micropower, Low-Dropout, SC70 Series Voltage Reference
Rev 0; 4/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com