Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

42820-3213 Datasheet(PDF) 2 Page - MolexKits

Part # 42820-3213
Description  Gold Right Angle Header,Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

42820-3213 Datasheet(HTML) 2 Page - MolexKits

  42820-3213 Datasheet HTML 1Page - MolexKits 42820-3213 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0220
Molex Part No.
Quantity in
Kit
42815-0012
25
42816-0212
4
42816-0312
4
42816-0412
2
42817-0012
15
42818-0212
2
42818-0312
2
42818-0412
1
42820-2213
2
42820-3213
2
42820-4213
1
Molex Part No.
63811-1600 *
63813-0400 *
10mm (.393”) Pitch Mini-Fit Sr.™ Plug 3 Circuit
10mm (.393”) Pitch Mini-Fit Sr.™ Plug 4 Circuit
USA
USA
10mm (.393”) Pitch Mini-Fit Sr.™ Receptacle 2 Circuit
10mm (.393”) Pitch Mini-Fit Sr.™ Receptacle 3 Circuit
10mm (.393”) Pitch Mini-Fit Sr.™ Receptacle 4 Circuit
Male Pin Terminals, 12-10 AWG, Selective Gold
10mm (.393”) Pitch Mini-Fit Sr.™ Plug 2 Circuit
USA
Country
of Origin
USA
Description
USA
Female Socket Terminals, 12-10 AWG, Selective Gold
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0220*
Country
of Origin
Description
Germany Hand Crimper
USA
Extraction Tool
Mexico
Mexico
Mexico
10mm (.393”) Pitch Mini-Fit Sr.™ Right Angle Gold Header 2
Circuit .062" PCB
10mm (.393”) Pitch Mini-Fit Sr.™ Right Angle Gold Header 3
Circuit .062" PCB
10mm (.393”) Pitch Mini-Fit Sr.™ Right Angle Gold Header 4
Circuit .062" PCB
USA
USA
USA
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 42820-3213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
42820-3212 MOLEX11-42820-3212 Datasheet
276Kb / 1P
   Housing Material
More results

Similar Description - 42820-3213

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0158 MOLEXKITS-76650-0158 Datasheet
40Kb / 3P
   Blind Mate Vertical and Right Angle Header, Vertical Receptacle Header, Plug and Receptacle
76650-0016 MOLEXKITS-76650-0016 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0122 MOLEXKITS-76650-0122 Datasheet
42Kb / 2P
   Right Angle Header and IDT Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0175 MOLEXKITS-76650-0175 Datasheet
39Kb / 3P
   Vertical and Right Angle Header, IDT Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0179 MOLEXKITS-76650-0179 Datasheet
39Kb / 3P
   Dual Row Right Angle Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com