Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCL200 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # ZXCL200
Description  ULTRA SMALL MICROPOWER SC70 2V 100mA REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCL200 Datasheet(HTML) 2 Page - Zetex Semiconductors

  ZXCL200 Datasheet HTML 1Page - Zetex Semiconductors ZXCL200 Datasheet HTML 2Page - Zetex Semiconductors ZXCL200 Datasheet HTML 3Page - Zetex Semiconductors ZXCL200 Datasheet HTML 4Page - Zetex Semiconductors ZXCL200 Datasheet HTML 5Page - Zetex Semiconductors ZXCL200 Datasheet HTML 6Page - Zetex Semiconductors ZXCL200 Datasheet HTML 7Page - Zetex Semiconductors ZXCL200 Datasheet HTML 8Page - Zetex Semiconductors ZXCL200 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Terminal Voltage with respect to GND
VIN
-0.3V to 7.0V
EN
-0.3V to 10V
VO
-0.3V to 5.5V
Package Power Dissipation (TA=25°C)
SC70
300mW (Note 1)
SOT23-5
450mW (Note 1)
Output short circuit duration
Infinite
Continuous Power Dissipation
Internally limited
Operating Temperature Range
-40 C to + 85 C
Storage Temperature Range
-55 C to + 125 C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum conditions for extended periods may affect device reliability.
ZXCL200
ISSUE 1 - SEPTEMBER 2001
2
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
MIN
TYP
MAX
V
IN
Input Voltage
T
A=-40 C
(note2)
5.5
V
V
O
Output Voltage
(Note 3)
I
O =1mA
I
O = 100mA
V
O +0.5V < VIN <VIN max
1.96
1.94
22.04
2.06
V
V
∆V
O/∆T
Output Voltage
Temperature
Coefficient
-15
ppm/°C
I
O(MAX)
Output Current
100
mA
I
OLIM
Over Current Limit
105
750
mA
I
Q
Ground pin current
No Load
I
O = 100mA
25
40
50
100
A
A
V
LNR
Line Regulation
V
IN=(VO+0.5V) to 5.5V, IO=1mA
0.02
0.1
%/V
V
LDR
Load Regulation
I
O=1mA to 100mA
0.01
0.04
%/mA
E
N
Output Noise Voltage
f=10Hz to 100kHz, C
O=10µF,
50
µV rms
V
ENH
Enable pin voltage for
normal operation
T
A = -40°C
2
2.2
10
V
V
ENL
Enable pin voltage for
output shutdown
00.8
V
ELECTRICAL CHARACTERISTICS
VIN = VO + 0.5V, typical values at TA=25°C (Unless otherwise stated)
Device testing is performed at T
A=25 C. Device thermal performance is guaranteed by design.
Note 1: Maximum power dissipation is calculated assuming the device is mounted on a PCB measuring 2
inches square
Note 2: Output Voltage will start to rise when V
IN exceeds a value or approximately 1.3V. For normal
operation, V
IN (min) > VOUT (nom) + 0.5V.
Note 3: Nominal value of V
O is defined at VIN=VO+0.5V.


Similar Part No. - ZXCL200

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
ZXCL250 ZETEX-ZXCL250 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
ZXCL250E5 ZETEX-ZXCL250E5 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
ZXCL250E5 ZETEX-ZXCL250E5 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL250E5TA DIODES-ZXCL250E5TA Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
More results

Similar Description - ZXCL200

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCL250 ZETEX-ZXCL250 Datasheet
374Kb / 11P
   ULTRA SMALL MICROPOWER SC70 LOW DROPOUT REGULATORS
logo
Sipex Corporation
SP78LC00 SIPEX-SP78LC00 Datasheet
912Kb / 10P
   Micropower, 100mA CMOS LDO Regulator
SP6214 SIPEX-SP6214 Datasheet
260Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Cherry Semiconductor Co...
CS8221 CHERRY-CS8221 Datasheet
149Kb / 6P
   Micropower 5V, 100mA Low Dropout Linear Regulator
logo
Sipex Corporation
SP6213 SIPEX-SP6213 Datasheet
696Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Exar Corporation
SP6213 EXAR-SP6213 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Sipex Corporation
SP6213EC5-L-1-8 SIPEX-SP6213EC5-L-1-8 Datasheet
278Kb / 10P
   Micropower, SC-70, 100mA CMOS LDO Regulator
logo
Monolithic Power System...
MP28300 MPS-MP28300 Datasheet
1Mb / 19P
   Ultra-Low 500nA Iq, Wide Input 2V-5.5V, 300mA Step-Down Regulator Plus300nA Iq, 2V-5.5V Input, 100mA LDO in 2x2 QFN
logo
Union Semiconductor, In...
UM1431 UNIONSEMI-UM1431 Datasheet
588Kb / 19P
   30V Input, 100mA Current Limit, Micropower Linear Regulator
UM1430 UNIONSEMI-UM1430 Datasheet
660Kb / 19P
   18V Input, 100mA Current Limited, Micropower Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com