Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

08-50-0106 Datasheet(PDF) 2 Page - MolexKits

Part # 08-50-0106
Description  .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp,5 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

08-50-0106 Datasheet(HTML) 2 Page - MolexKits

  08-50-0106 Datasheet HTML 1Page - MolexKits 08-50-0106 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0217
Molex Part No.
Quantity in
Kit
08-50-0106
11
09-50-7051
2
26-48-1051
2
26-48-1052
2
Molex Part No.
63811-7500 *
Hand Crimp Tool
11-03-0016 *
Extraction Tool
USA
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0217*
Country
of Origin
Description
Germany
USA
Mexico
Bill of Materials for Part No. 76650-0217
Description
USA
3.96mm (.156") Pitch KK® Housing Receptacle 5 Circuits
(without Locking Ramps)
3.96mm (.156") Pitch KK® Vertical Header, Breakaway, 5
Circuits
KK® Crimp Terminals, .156” 24-18 AWG
Country
of Origin
3.96mm (.156") Pitch KK® Right Angle Header, Breakaway,
5 Circuits
Mexico
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 08-50-0106

ManufacturerPart #DatasheetDescription
logo
MolexKits
08-50-0106 MOLEXKITS-08-50-0106 Datasheet
39Kb / 3P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
08-50-0106 MOLEXKITS-08-50-0106 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 6 Circuit
08-50-0106 MOLEXKITS-08-50-0106 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp,4 Circuit
08-50-0106 MOLEXKITS-08-50-0106 Datasheet
38Kb / 2P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
08-50-0106 MOLEXKITS-08-50-0106 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 10 Circuit
More results

Similar Description - 08-50-0106

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0219 MOLEXKITS-76650-0219 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp,10 Circuit
76650-0218 MOLEXKITS-76650-0218 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp, 6 Circuit
76650-0216 MOLEXKITS-76650-0216 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp,4 Circuit
76650-0214 MOLEXKITS-76650-0214 Datasheet
38Kb / 2P
   .156 Pitch SIngle Row Vertical and Right Angle Header and Receptacle without Ramp,2 Circuit
76650-0215 MOLEXKITS-76650-0215 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp,3 Circuit
76650-0211 MOLEXKITS-76650-0211 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle,5 Circuit
76650-0103 MOLEXKITS-76650-0103 Datasheet
37Kb / 2P
   156 Pitch Receptacle without Ramp and Terminals, 5 Circuit
76650-0208 MOLEXKITS-76650-0208 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle,2 Circuit
76650-0212 MOLEXKITS-76650-0212 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle,6 Circuit
76650-0210 MOLEXKITS-76650-0210 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle,4 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com