Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHP33NQ20T Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PHP33NQ20T
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHP33NQ20T Datasheet(HTML) 1 Page - NXP Semiconductors

  PHP33NQ20T Datasheet HTML 1Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 2Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 3Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 4Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 5Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 6Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 7Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 8Page - NXP Semiconductors PHP33NQ20T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PHP33NQ20T
N-channel TrenchMOS standard level FET
Rev. 02 — 3 February 2009
Product data sheet
1.
Product profile
1.1 General description
Standard level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic
package using TrenchMOS technology. This product is designed and qualified for use in
computing, communications, consumer and industrial applications only.
1.2 Features and benefits
Higher operating power due to low
thermal resistance
Low conduction losses due to low
on-state resistance
Simple gate drive required due to low
gate charge
Suitable for high frequency
applications due to fast switching
characteristics
1.3 Applications
DC-to-DC convertors switching
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
200
V
ID
drain current
Tmb =25°C; VGS =10V;
see Figure 1; see Figure 3
-
-
32.7
A
Ptot
total power
dissipation
Tmb = 25 °C; see Figure 2
-
-
230
W
Dynamic characteristics
QGD
gate-drain charge
VGS =10V; ID =25 A;
VDS = 100 V; Tj =25°C;
see Figure 11
-9.6
-nC
Static characteristics
RDSon
drain-source
on-state resistance
VGS =10V; ID =15 A;
Tj = 25 °C; see Figure 9;
see Figure 10
-
6577m


Similar Part No. - PHP33NQ20T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHP33NQ20T PHILIPS-PHP33NQ20T Datasheet
84Kb / 13P
   N-channel TrenchMOS??standard level FET
Rev. 01-8 November 2004
logo
Inchange Semiconductor ...
PHP33NQ20T ISC-PHP33NQ20T Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PHP33NQ20T NEXPERIA-PHP33NQ20T Datasheet
686Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02 - 3 February 2009
More results

Similar Description - PHP33NQ20T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com