Electronic Components Datasheet Search |
|
RSO Datasheet(PDF) 3 Page - Recom International Power |
|
RSO Datasheet(HTML) 3 Page - Recom International Power |
3 / 3 page www.recom-international.com E-83 REV:0/2010 3rd angle projection 8 PIN SIP Package XX.X ± 0.5 mm XX.XX ± 0.25 mm Pin 8 (NC*) This pin is used internally and must have no external connection. Pin 5 (NC) Not connected internally. Pin 3 (CTRL) This pin provides an Off function which puts the converter into a low power mode. When the pin is ‘high’ the converter is OFF and when the pin is high ‘Z’ the converter is ON. There is no allowed low state for this pin. ECONOLINE DC/DC-Converter Package Style and Pinning (mm) 12 5 36 7 8 3.20 0.32 2.0 9.20 21.80 RECOM RSO- xxxx **** 12 5 36 7 8 0.50±0.05 3.80 0.50±0.05 11.10 RECOM RSO- xxxx **** RECOM RSO- xxxxD **** 2.54 2.54 1.0ø+0.15/0 Top View Bottom View Single Output Dual Output Recommended Footprint Details Pin Connections Pin # Single Dual 1 –Vin –Vin 2 +Vin +Vin 3 CTRL CTRL 5NC NC 6 +Vout +Vout 7 –Vout Com 8 NC* –Vout NC = No Connection NC* = NC, but no external Connection allowed. Notes Application Examples -Vin -Vout +Vout +Vin Ctrl (TTL) (see text) 10 KW 20 KW 4.7 KW RSO/RS/RS3 TTL Remote CTRL Circuit Voltage to be applied via a limiting resistor with a recommended value of 1K for RSO-05xx; 3.3K for RSO-12xx; RSO-24xx and 10K for RSO-48xx. RSO-S_D(Z) Series Control Pin Input Current: 10mA Voltage Set Point Accuracy with external input/output capacitors refer to typ. ± 1% recommended test circuit: max. ±2% Control Pin (CTRL) Input Current, control voltage applied via 1K resistor, output voltage must typ. 3mA reduce to 0V: max. 6mA -Vin -Vout +Vout +Vin Remote (see text) Optocoupler RSO/RS/RS3 Isolated Remote CTRL Circuit |
Similar Part No. - RSO_10 |
|
Similar Description - RSO_10 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |