Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-01-2081 Datasheet(PDF) 2 Page - MolexKits

Part # 22-01-2081
Description  .100 Pitch Vertical and Right Angle Header and Receptacle, 8 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

22-01-2081 Datasheet(HTML) 2 Page - MolexKits

  22-01-2081 Datasheet HTML 1Page - MolexKits 22-01-2081 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0206
Molex Part No.
Quantity in
Kit
08-50-0114
9
22-01-2081
1
22-03-2081
2.54mm (.100") Pitch KK® Vertical Header, 8 Circuits
1
22-05-2081
1
Molex Part No.
63811-8200 *
63812-0000 *
11-03-0022 *
*Tool(s) not included in kit. Tool(s) ordered separately.
USA
Extraction Tool
Recommended Molex Tool(s) for Part No. 76650-0206*
Country
of Origin
Description
Sweden Hand Crimp Tool
USA
Insertion Tool
Mexico
KK® Female Crimp Terminals, 30-22 AWG
2.54mm (.100") Pitch KK® Right Angle Header, 8 Circuits
USA
Bill of Materials for Part No. 76650-0206
Description
Country
of Origin
2.54mm (.100") Pitch KK® Receptacle (without Locking
Ramps), 8 Circuits
USA
Mexico
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 22-01-2081

ManufacturerPart #DatasheetDescription
logo
MolexKits
22-01-2081 MOLEXKITS-22-01-2081 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
22-01-2081 MOLEXKITS-22-01-2081 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
22-01-2081 MOLEXKITS-22-01-2081 Datasheet
37Kb / 2P
   .100 Pitch Receptacle and Terminals, 8 Circuit
More results

Similar Description - 22-01-2081

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0204 MOLEXKITS-76650-0204 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,4 Circuit
76650-0205 MOLEXKITS-76650-0205 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,6 Circuit
76650-0203 MOLEXKITS-76650-0203 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle ,2 Circuit
76650-0207 MOLEXKITS-76650-0207 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,10 Circuit
76650-0085 MOLEXKITS-76650-0085 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 8 Circuit
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
76650-0210 MOLEXKITS-76650-0210 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle,4 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com