Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501646-2200 Datasheet(PDF) 2 Page - MolexKits

Part # 501646-2200
Description  Positive Lock Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

501646-2200 Datasheet(HTML) 2 Page - MolexKits

  501646-2200 Datasheet HTML 1Page - MolexKits 501646-2200 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0202
Molex Part No.
Quantity in
Kit
501647-1100
300
501646-2000
2
501646-2200
2
501646-2400
2
501646-2600
2
501646-2800
2
501876-2040
2
501876-2240
2
501876-2440
2
501876-2640
2
501876-2840
2
Molex Part No.
63819-2300 *
2.00mm (.079") Pitch iGrid™ Right Angle Header Dual Row,
24 Circuits
Japan
Japan
Japan
2.00mm (.079") Pitch iGrid™ Right Angle Header Dual Row,
22 Circuits
Bill of Materials for Part No. 76650-0202
iGrid™ Female Crimp Terminal, 26-22 AWG
Japan
*Tool(s) not included in kit. Tool(s) ordered separately.
Recommended Molex Tool(s) for Part No. 76650-0202*
Country
of Origin
Description
Hand Crimp Tool for 2.00mm(.079") Pitch iGrid™
Sweden
2.00mm (.079") Pitch iGrid™ Right Angle Header Dual Row,
28 Circuits
2.00mm (.079") Pitch iGrid™ Right Angle Header Dual Row,
26 Circuits
Japan
Japan
Country
of Origin
2.00mm (.079") Pitch iGrid™ Right Angle Header Dual Row,
20 Circuits
Japan
Description
2.00mm (.079") Pitch iGrid™ Receptacle , Dual Row, 28
Circuits
2.00mm (.079") Pitch iGrid™ Receptacle , Dual Row, 22
Circuits
2.00mm (.079") Pitch iGrid™ Receptacle , Dual Row, 24
Circuits
2.00mm (.079") Pitch iGrid™ Receptacle , Dual Row, 26
Circuits
2.00mm (.079") Pitch iGrid™ Receptacle , Dual Row, 20
Circuits
Japan
Japan
Japan
Japan
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 501646-2200

ManufacturerPart #DatasheetDescription
logo
MolexKits
501646-2200 MOLEXKITS-501646-2200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
logo
Molex Electronics Ltd.
501646-2200 MOLEX11-501646-2200 Datasheet
115Kb / 2P
   2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 22 Circuits
501646-2200 MOLEX11-501646-2200 Datasheet
37Kb / 1P
   2.00mm Pitch iGrid??Wire-to-Board Housing, Dual Row, Positive Lock, 22 Circuits
More results

Similar Description - 501646-2200

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0116 MOLEXKITS-76650-0116 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Right Angle Header and Receptacle
76650-0135 MOLEXKITS-76650-0135 Datasheet
43Kb / 2P
   Positive Lock Through Hole Right Angle Header and Receptacle
76650-0134 MOLEXKITS-76650-0134 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0117 MOLEXKITS-76650-0117 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0226 MOLEXKITS-76650-0226 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0199 MOLEXKITS-76650-0199 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0200 MOLEXKITS-76650-0200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com