Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

501646-2200 Datasheet(PDF) 1 Page - MolexKits

Part # 501646-2200
Description  Positive Lock Right Angle Header and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

501646-2200 Datasheet(HTML) 1 Page - MolexKits

  501646-2200 Datasheet HTML 1Page - MolexKits 501646-2200 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0202
• GPS
• Vending and Gaming machines
• HVAC
• Microwave ovens
• Medical
• Fitness equipment
• Compact design saves PCB real estate
• Fully shrouded headers withstand rugged
handling and vibration
• Polarization between housing and terminal
always seats properly in housing
• Internal lock prevents wire tangling; space
saving; audible
Features and Benefits
Applications
(1.5 - 2) Amps depending on AWG
Specifications
Circuit Sizes:
Voltage:
20, 22, 24, 26 and 28
Pitch:
Mounting
Orientation:
Connector Type:
Receptacle and Header
Right Angle
Current Rating:
General Information
Molex / Waldom
Wire-to-Board
2.00mm (.079")
Kit assembled in U.S.A.
Description:
Product Family:
Part Number:
Design
Configuration:
76650-0202
Manufacturer:
Country of Origin:
iGrid™
Certificates:
Positive Lock Right Angle Header and Receptacle
(Molex Parts within this kit) - EU and China RoHS Compliant, UL and CSA
Title:
iGrid Connector Kit
iGrid wire-to-board connector system offers a compact design and anti-tangle
internal lock for applications such as gaming machines, appliances, industrial and
other equipment requiring good mating retention. The unique inner lock of iGrid
prevents wire from getting tangled in the latch, compared to outer lock types where
such damage may occur. The internal lock also provides space savings, an audible
click and a robust design to withstand rugged handling.
Product Highlights
Wire size:
250 Volts
26-22 AWG
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 501646-2200

ManufacturerPart #DatasheetDescription
logo
MolexKits
501646-2200 MOLEXKITS-501646-2200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
logo
Molex Electronics Ltd.
501646-2200 MOLEX11-501646-2200 Datasheet
115Kb / 2P
   2.00mm (.079") Pitch iGrid Wire-to-Board Housing, Dual Row, Positive Lock, 22 Circuits
501646-2200 MOLEX11-501646-2200 Datasheet
37Kb / 1P
   2.00mm Pitch iGrid??Wire-to-Board Housing, Dual Row, Positive Lock, 22 Circuits
More results

Similar Description - 501646-2200

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0201 MOLEXKITS-76650-0201 Datasheet
38Kb / 2P
   Positive Lock Right Angle Header and Receptacle
76650-0116 MOLEXKITS-76650-0116 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Right Angle Header and Receptacle
76650-0135 MOLEXKITS-76650-0135 Datasheet
43Kb / 2P
   Positive Lock Through Hole Right Angle Header and Receptacle
76650-0134 MOLEXKITS-76650-0134 Datasheet
38Kb / 2P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0117 MOLEXKITS-76650-0117 Datasheet
39Kb / 3P
   Fully Shrouded Positive Lock Vertical and Right Angle Header and Receptacle
76650-0113 MOLEXKITS-76650-0113 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0226 MOLEXKITS-76650-0226 Datasheet
38Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0108 MOLEXKITS-76650-0108 Datasheet
43Kb / 2P
   Friction Lock Right Angle Header and Receptacle
76650-0199 MOLEXKITS-76650-0199 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
76650-0200 MOLEXKITS-76650-0200 Datasheet
38Kb / 2P
   Positive Lock Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com