Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE13005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PHE13005
Description  Silicon diffused power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHE13005 Datasheet(HTML) 2 Page - NXP Semiconductors

  PHE13005 Datasheet HTML 1Page - NXP Semiconductors PHE13005 Datasheet HTML 2Page - NXP Semiconductors PHE13005 Datasheet HTML 3Page - NXP Semiconductors PHE13005 Datasheet HTML 4Page - NXP Semiconductors PHE13005 Datasheet HTML 5Page - NXP Semiconductors PHE13005 Datasheet HTML 6Page - NXP Semiconductors PHE13005 Datasheet HTML 7Page - NXP Semiconductors PHE13005 Datasheet HTML 8Page - NXP Semiconductors PHE13005 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PHE13005_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 20 November 2009
2 of 12
NXP Semiconductors
PHE13005
Silicon diffused power transistor
2.
Ordering information
3.
Limiting values
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PHE13005
TO-220AB
plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead
TO-220AB
SOT78
Table 3.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCESM
collector-emitter peak
voltage
VBE =0V
-
700
V
VCBO
collector-base voltage
IE =0A
-
700
V
VCEO
collector-emitter
voltage
IB =0A
-
400
V
IC
collector current
DC; see Figure 3, 1 and 2
-4
A
ICM
peak collector current
-
8
A
IB
base current
-2
A
IBM
peak base current
-
4
A
Ptot
total power dissipation
Tmb ≤ 25 °C; see Figure 4
-75
W
Tstg
storage temperature
-65
150
°C
Tj
junction temperature
-
150
°C
Fig 1.
Test circuit for reverse bias safe operating area
Fig 2.
Reverse bias safe operating area
001aab999
DUT
LC
LB
IBon
VBB
VCC
VCL(CE)
probe point
VCL(CE) (V)
0
800
600
200
400
003aad544
4
2
6
8
IC
(A)
0
VBE = −5V


Similar Part No. - PHE13005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHE13005 PHILIPS-PHE13005 Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
February 1999 Rev 1.000
logo
WeEn Semiconductors
PHE13005 WEEN-PHE13005 Datasheet
488Kb / 13P
   Silicon diffused power transistor
logo
NXP Semiconductors
PHE13005X NXP-PHE13005X Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
logo
WeEn Semiconductors
PHE13005X WEEN-PHE13005X Datasheet
507Kb / 14P
   Silicon diffused power transistor
logo
NXP Semiconductors
PHE13005X PHILIPS-PHE13005X_15 Datasheet
444Kb / 13P
   Silicon diffused power transistor
Rev. 02-20 November 2009
More results

Similar Description - PHE13005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com