Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44812-0003 Datasheet(PDF) 3 Page - MolexKits

Part # 44812-0003
Description  Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

44812-0003 Datasheet(HTML) 3 Page - MolexKits

  44812-0003 Datasheet HTML 1Page - MolexKits 44812-0003 Datasheet HTML 2Page - MolexKits 44812-0003 Datasheet HTML 3Page - MolexKits 44812-0003 Datasheet HTML 4Page - MolexKits 44812-0003 Datasheet HTML 5Page - MolexKits 44812-0003 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0192
Features and Benefits continued
Applications continued
Features and Benefits continued
Applications continued
• Mobile Phone
• PDA
• Digital Video Camera
• Digital Still Camera
• Digital Video Player
• Digital Audio Player
• Voice Recorder
• Notebook PC
• Any Compact Applications
• Advanced gold-plated housings with
integrated shielding system
• Two points of contact on each signal
• Multiple stack heights from 10 to25mm
(.394 to .984")
• Available in 6, 12, 24, and 36 differential
pair sizes (12, 24, 48 and 72 contacts)
• Switches and Hubs
• Routers
• Servers and Blade Servers
• Workstations
• Storage Devices
• Up to 32mm board-to-board stack heights
• For parallel board packaging
• Available in press-fit or solder tail
• For Mezzanine cards, parallel backplanes
and bridge board applications
• End walls facilitate blind mating
• Surface Mount Compatible
• High-density 2.00mm metric connector in
the same form factor as Future bus
• 6-row 2mm connector provides 30
contacts per linear centimeter (> 75/inch)
• Designed for high-density, high-speed
applications
• Modular components for design flexibility;
72 position (6 row by 12) and 144 position
(6 row by 24) modules
• Tail lengths available in 0.5mm
increments to optimize PCB thickness
• High-End Computer
• Storage
• Telecom (General)
• Broadcast Equipment
• Telecom Infrastructure
• Networking
• Telecom (Home/Office)
• 3 GHz performance
• Cross Talk < 7%
• 6.00 to 16.00mm stack heights
• Economical design
• For 50 and 100 Ohm applications
• Anti-flux design
• Metal solder tabs provide PCB hold down
and strain relief for SMT tails
• Polarizing pegs assist placement
• Housing lock on 20 to 60 circuits
• Superior terminal design/wipe length
• Easy board processing
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 3 of 6


Similar Part No. - 44812-0003

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
44812-0003 MOLEX-44812-0003 Datasheet
40Kb / 2P
   2.54mm (.100?? Pitch KK짰 Low Profile PC Board Receptacle
44812-0003 MOLEX6-44812-0003 Datasheet
177Kb / 4P
   2.54mm (.100") Pitch KK짰 PC Board Receptacle, Top and Bottom Entry, Low Profile, 5.0關m (200關") Tin (Sn), 3 Circuits
More results

Similar Description - 44812-0003

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0146 MOLEXKITS-76650-0146 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
SD-75019-010 MOLEX11-SD-75019-010 Datasheet
602Kb / 4P
   PLATEAU HS DOCK FLOATING CONNECTOR
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
Intel Corporation
325119-001 INTEL-325119-001 Datasheet
3Mb / 174P
   Intel짰 Xeon짰 Processor E7-8800/4800/2800 Product Families
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Molex Electronics Ltd.
5017500874 MOLEX11-5017500874 Datasheet
86Kb / 3P
   0.635mm (.025") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 5.00mm
logo
TE Connectivity Ltd
120521 TEC-120521 Datasheet
326Kb / 1P
   RECEPTACLE ASSY, 1.0mm (IEEE1386) CONNECTOR
REV K
logo
Adam Technologies, Inc.
EBV-XX-X ADAM-TECH-EBV-XX-X Datasheet
100Kb / 1P
   EURO BLOCK STRAIGHT MULTIPLE PITCHES
logo
Molex Electronics Ltd.
0751400017 MOLEX9-0751400017 Datasheet
321Kb / 5P
   1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS Dock??Plug, Vertical, 108Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com