Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26-48-1102 Datasheet(PDF) 2 Page - MolexKits

Part # 26-48-1102
Description  KK Breakaway Vertical and Right Angle Header and Receptacle with Universal Crimp Tool
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

26-48-1102 Datasheet(HTML) 2 Page - MolexKits

  26-48-1102 Datasheet HTML 1Page - MolexKits 26-48-1102 Datasheet HTML 2Page - MolexKits 26-48-1102 Datasheet HTML 3Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0196
Molex Part No.
Quantity in
Kit
45570-3050
100
09-50-8023
10
09-50-8033
5
09-50-8043
5
09-50-8053
4
09-50-8063
4
09-50-8103
3
26-48-1021
10
26-48-1031
5
26-48-1041
5
26-48-1051
4
26-48-1061
4
26-48-1101
3
26-48-1022
10
26-48-1032
5
USA
• Utilizes spring-box design, provides high-
force interface assuring good contact over
broader temperatures
• Head-and tail-carried design, eliminates
customer s need to monitor cutoff
dimension in application tooling
• High conductivity alloy, Increased current-
carrying capability; up to 13.5A per line
based on a 2-circuit system
• Four truly independent points of contact,
assures a highly reliable interface
• Operating Temperature (-40 to 105) ˚C
3.96mm (.156”) Pitch 6 Circuit Crimp Type Receptacle
Country
of Origin
3.96mm (.156”) Pitch KK 2 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch 3 Circuit Crimp Type Receptacle
Bill of Materials for Part No. 76650-0196
Female Terminal MarKK™ (20-18) AWG, Pre-Tinned Plating
USA
Description
3.96mm (.156”) Pitch 2 Circuit Crimp Type Receptacle
• General market product, serves a wide variety of
industries
• Large and small computers
• Appliances (white goods/brown goods)
• HVAC
• Diagnostic equipment
USA
Mexico
Mexico
3.96mm (.156”) Pitch 4 Circuit Crimp Type Receptacle
3.96mm (.156”) Pitch 5 Circuit Crimp Type Receptacle
USA
USA
USA
USA
3.96mm (.156”) Pitch 10 Circuit Crimp Type Receptacle
3.96mm (.156”) Pitch KK 3 Circuit Vertical Breakaway
Headers
Mexico
Mexico
Mexico
Mexico
Mexico
Mexico
3.96mm (.156”) Pitch KK 4 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 5 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 6 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 10 Circuit Vertical Breakaway
Headers
3.96mm (.156”) Pitch KK 2 Circuit Right Angle Breakaway
Headers
3.96mm (.156”) Pitch KK 3 Circuit Right Angle Breakaway
Headers
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 3


Similar Part No. - 26-48-1102

ManufacturerPart #DatasheetDescription
logo
MolexKits
26-48-1102 MOLEXKITS-26-48-1102 Datasheet
39Kb / 3P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
26-48-1102 MOLEXKITS-26-48-1102 Datasheet
38Kb / 2P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
26-48-1102 MOLEXKITS-26-48-1102 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle without Ramp,10 Circuit
logo
Molex Electronics Ltd.
26-48-1102 MOLEX11-26-48-1102 Datasheet
52Kb / 2P
   KK짰 396 Breakaway Header, Right-Angle, 10 Circuits, Tin (Sn) Plating
26-48-1102 MOLEX-26-48-1102 Datasheet
295Kb / 12P
   KK .156 HEADER ASSEMBLY FLAT BREAKAWAY 2-24 CKTS.
2003/09/15
More results

Similar Description - 26-48-1102

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0008 MOLEXKITS-76650-0008 Datasheet
38Kb / 2P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
76650-0007 MOLEXKITS-76650-0007 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
76650-0010 MOLEXKITS-76650-0010 Datasheet
39Kb / 3P
   KK-156 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
76650-0009 MOLEXKITS-76650-0009 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
76650-0018 MOLEXKITS-76650-0018 Datasheet
39Kb / 3P
   Panel Mount Plug and Receptacle, with Extraction Tool and Universal Crimp Tool
76650-0001 MOLEXKITS-76650-0001 Datasheet
38Kb / 2P
   Single Row Plug and Receptacle with Universal Crimp Tool
76650-0167 MOLEXKITS-76650-0167 Datasheet
38Kb / 2P
   Vertical and Right Angle Header and Receptacle.
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0169 MOLEXKITS-76650-0169 Datasheet
38Kb / 2P
   Signal Vertical and Right Angle Header and Receptacle
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com