Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

22-03-2041 Datasheet(PDF) 6 Page - MolexKits

Part # 22-03-2041
Description  Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

22-03-2041 Datasheet(HTML) 6 Page - MolexKits

  22-03-2041 Datasheet HTML 1Page - MolexKits 22-03-2041 Datasheet HTML 2Page - MolexKits 22-03-2041 Datasheet HTML 3Page - MolexKits 22-03-2041 Datasheet HTML 4Page - MolexKits 22-03-2041 Datasheet HTML 5Page - MolexKits 22-03-2041 Datasheet HTML 6Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0192
Molex Part No.
Quantity in Kit
22-02-2025
5
22-02-2035
3
22-02-2045
3
22-02-2065
2
22-02-2085
2
71660-7050
1
71661-7050
1
44812-0002
2
44812-0003
2
44812-0004
2
44812-0006
1
44812-0008
1
^ Current rating is dependent upon PCB traces, Copper weight, solder, etc. (contact Molex for more information)
USA
USA
2.54mm (.100") Pitch KK® 100 Receptacle Bottom and Top
Entry 2 Circuit
2.54mm (.100") Pitch KK® 100 Receptacle Bottom and Top
Entry 3 Circuit
2.54mm (.100") Pitch KK® 100 Receptacle Bottom and Top
Entry 4 Circuit
2.54mm (.100") Pitch KK® 100 Receptacle Bottom and Top
Entry 6 Circuit
2.54mm (.100") Pitch KK® 100 Receptacle Bottom and Top
Entry 8 Circuit
USA
USA
USA
Country
of Origin
Description
No Recommended Molex Tool for Part No. 76650-0192*
MEXICO
2.54mm (.100") Pitch KK® 100 Receptacle^ Top Entry 3
Circuit
2.54mm (.100") Pitch KK® 100 Receptacle^ Top Entry 4
Circuit
MEXICO
MEXICO
2.54mm (.100") Pitch KK® 100 Receptacle^ Top Entry 2
Circuit
1.27mm (.050") Pitch EBBI™ 50D Plug, Vertical, Blind-Mate,
50 Circuits
MEXICO
MEXICO
USA
USA
2.54mm (.100") Pitch KK® 100 Receptacle^ Top Entry 6
Circuit
2.54mm (.100") Pitch KK® 100 Receptacle^ Top Entry 8
Circuit
1.27mm (.050") Pitch EBBI™ 50D Receptacle, Vertical, Blind-
Mate, 50 Circuits
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 6 of 6


Similar Part No. - 22-03-2041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
22-03-2041 ETC1-22-03-2041 Datasheet
126Kb / 1P
   FEATURES AND SPECIFICATIONS
logo
MolexKits
22-03-2041 MOLEXKITS-22-03-2041 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Premium Crimp Tool
22-03-2041 MOLEXKITS-22-03-2041 Datasheet
38Kb / 2P
   KK-100 Connector Kit Vertical and Right Angle Header and Receptacle, with Extraction and Universal Crimp Tool
22-03-2041 MOLEXKITS-22-03-2041 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,4 Circuit
22-03-2041 MOLEXKITS-22-03-2041 Datasheet
23Kb / 3P
   PCB Through Hole
More results

Similar Description - 22-03-2041

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0146 MOLEXKITS-76650-0146 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
logo
Molex Electronics Ltd.
SD-75019-010 MOLEX11-SD-75019-010 Datasheet
602Kb / 4P
   PLATEAU HS DOCK FLOATING CONNECTOR
logo
SHANGHAI BELLING CO., L...
BL1516 BELLING-BL1516 Datasheet
124Kb / 7P
   Input Voltage Range Includes Ground
logo
Tyco Electronics
2-1437629-0 MACOM-2-1437629-0 Datasheet
729Kb / 10P
   Product Range
logo
Intel Corporation
325119-001 INTEL-325119-001 Datasheet
3Mb / 174P
   Intel짰 Xeon짰 Processor E7-8800/4800/2800 Product Families
E5-1600 INTEL-E5-1600 Datasheet
2Mb / 258P
   Intel짰 Xeon짰 Processor E5-1600/ E5-2600/E5-4600 Product Families
May 2012
logo
Molex Electronics Ltd.
5017500874 MOLEX11-5017500874 Datasheet
86Kb / 3P
   0.635mm (.025") Pitch SlimStack Board-to-Board Plug, SMT, Dual Row, Vertical Stacking, 5.00mm
logo
TE Connectivity Ltd
120521 TEC-120521 Datasheet
326Kb / 1P
   RECEPTACLE ASSY, 1.0mm (IEEE1386) CONNECTOR
REV K
logo
Adam Technologies, Inc.
EBV-XX-X ADAM-TECH-EBV-XX-X Datasheet
100Kb / 1P
   EURO BLOCK STRAIGHT MULTIPLE PITCHES
logo
Molex Electronics Ltd.
0751400017 MOLEX9-0751400017 Datasheet
321Kb / 5P
   1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS Dock??Plug, Vertical, 108Circuits
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com