Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74962-0001 Datasheet(PDF) 2 Page - MolexKits

Part # 74962-0001
Description  SMT Right Angle Plug and Receptacle and Backshell Assembiles
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

74962-0001 Datasheet(HTML) 2 Page - MolexKits

  74962-0001 Datasheet HTML 1Page - MolexKits 74962-0001 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0191
Molex Part No.
Quantity in
Kit
74960-3018
1
74960-3048
1
75000-1018
1
75000-1048
1
75115-0018
1
75115-0048
1
74962-0001
4
No Recommended Molex Tool for Part No. 76650-0191
USA
Description
Mexico
Country
of Origin
• The shieded, dual row interface offers high-
speed and 100-ohm controlled impedance
with data rates up to 5 Gbs
• Inline SMT leads on 0.64mm (.025") pitch
provide direct PCB routing
• High cycle LFH™ shrouded contact
system provides 2 points of contact for
optimal signal integrity
• Jackposts with 4-40 threads for use with
jackscrews for positive mating retention
• First-mate/last-break pins 9 and 10
prevent damage when “hot plug” mating
• LFH™ contact design provides shallow
mating angle, reducing insertion forces
• Terminates to (24-32)AWG wire through
soldering or resistance welding
• Contains 2-piece diecast shell and two
jackscrews for TDP Cable Plug Connector
• Lead-free process compatible, meets
future manufacturing requirements
• 5,000 mating cycles with 15μ" Gold (Au),
high reliability
• 1.5A continuous current per pin, allows for
higher power throughput
• High Resolution Cameras
• Audio, Video Editing and Storage
• Printers
• Medical Devices
• LVDS Servers
• Routers
• Switches
• Storage Devices
• Multiple High-Speed, Differential-Pair Signal
Applications
• Military Data Communications and Video
Equipment (cots)
USA
Features and Benefits
Applications
Bill of Materials for Part No. 76650-0191
1.27mm (.050") Pitch TDP® Triad Differential Pair Plug
Assembly, China RoHS, Lead-Free, 48 Circuits
1.27mm (.050") Pitch TDP® Triad Differential Pair SMT Right
Angle Receptacle, China RoHS, Lead-Free, 18 Circuits
Mexico
1.27mm (.050") Pitch TDP® Triad Differential Pair Plug
Assembly, China RoHS, Lead-Free, 18 Circuits
1.27mm (.050") Pitch TDP® Triad Differential Pair SMT Right
Angle Receptacle, China RoHS, Lead-Free, 48 Circuits
1.27mm (.050") Pitch TDP® Triad Differential Pair Die Cast
Backshell, China 50 (Pb), 18 Circuits
1.27mm (.050") Pitch TDP® Triad Differential Pair Die Cast
Backshell, China 50 (Pb), 48 Circuits
TDP™ 3/16" Hex Jackpost (4-40 UNC-2B), China 50 (Pb)
USA
USA
Taiwan
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 74962-0001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
74962 ETC2-74962 Datasheet
470Kb / 2P
   Wiha Quality Tools Toll Free: (800) 494-6104
More results

Similar Description - 74962-0001

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0003 MOLEXKITS-76650-0003 Datasheet
39Kb / 3P
   SMT Vertical and Right Angle Header and Receptacle
76650-0139 MOLEXKITS-76650-0139 Datasheet
43Kb / 2P
   IDT SMT Right Angle Header and Receptacle
76650-0013 MOLEXKITS-76650-0013 Datasheet
39Kb / 3P
   Vertical and Right Angle Header Plug and Receptacle
76650-0164 MOLEXKITS-76650-0164 Datasheet
39Kb / 3P
   SMT Dual Positive lock Vertical and Right Angle Plug and Receptacle, 2.0mm (.079)
76650-0129 MOLEXKITS-76650-0129 Datasheet
44Kb / 2P
   SMT Friction Lock Vertical and Right Angle Header and Receptacle
76650-0168 MOLEXKITS-76650-0168 Datasheet
38Kb / 2P
   SMT Header Plug and Receptacle
76650-0127 MOLEXKITS-76650-0127 Datasheet
43Kb / 2P
   SMT Friction Lock Right Angle Header and Receptacle
76650-0220 MOLEXKITS-76650-0220 Datasheet
38Kb / 2P
   Gold Right Angle Header,Plug and Receptacle
76650-0124 MOLEXKITS-76650-0124 Datasheet
43Kb / 2P
   SMT Vertical and Right Angle Header, Receptacle and IDT Board-In Receptacle Header
76650-0128 MOLEXKITS-76650-0128 Datasheet
44Kb / 2P
   Friction Lock Plug and Receptacle and SMT Header
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com