Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50013-8100 Datasheet(PDF) 1 Page - MolexKits

Part # 50013-8100
Description  Locking Plug and Receptacle
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

50013-8100 Datasheet(HTML) 1 Page - MolexKits

  50013-8100 Datasheet HTML 1Page - MolexKits 50013-8100 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0189
2.0 Thin Connector Kit
28-24 AWG
(1-2) Amps - Dependant on Wire Gauge
Voltage:
Current Rating:
This family has a very thin housing design, with the housings having a 2.7mm
maximum thickness. The 51005 series (9.2mm) mated with the 51006 series
(10.8mm) has a mated length of 14.8mm. The plug and receptacle mate with an
audio click, and remain mated very strongly with locking tangs on both sides. The
housings are marked at circuit one.
Features and Benefits
Applications
• Spring beam design provides high
pressure and small deflection for high
vibration applications
• Polarization prevents mismating
• Operating Temperature: -40 to +105˚C
• Locking tang for secure housing retention
• Very thin housing design, 2.7mm (.106)"
• Office Automation: Printers, Fax machines,
Scanners, Copiers
• Measuring / Analyzing Equipment, Security
systems / alarms, Medical monitoring,
Lab equipment
• Other applications: Vending machines,
Gaming machines, Fitness equipment
General Information
Molex / Waldom
Wire-to-Wire
2.00mm (.079")
Kit assembled in U.S.A.
Description:
Product Family:
(Molex Parts within this kit) - EU RoHS Compliant, UL and CSA
Part Number:
125 Volts
Connector Type:
76650-0189
Manufacturer:
Country of Origin:
N/A
Certificates:
Locking Plug and Receptacle
Title:
Specifications
Product Highlights
Bill of Materials for Part No. 76650-0189
Pitch:
2, 3, 4 and 5
Design
Configuration:
Plugs and Receptacle
Circuit Sizes:
Wire Size:
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 50013-8100

ManufacturerPart #DatasheetDescription
logo
MolexKits
50013-8100 MOLEXKITS-50013-8100 Datasheet
21Kb / 3P
   Plugs, Receptacles
logo
Molex Electronics Ltd.
50013-8100 MOLEX6-50013-8100 Datasheet
95Kb / 3P
   2.00mm (.079") Pitch Crimp Terminal, for 51005 Housing
More results

Similar Description - 50013-8100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
561-M2600 ETC2-561-M2600 Datasheet
197Kb / 2P
   Locking Hole Plug
561-M2707 ETC2-561-M2707 Datasheet
130Kb / 2P
   Locking Hole Plug
logo
Molex Electronics Ltd.
0622018673 MOLEX11-0622018673 Datasheet
28Kb / 1P
   Plug and Receptacle Housing Press-In Tool for Plug and Receptacle
0622018673 MOLEX-0622018673 Datasheet
28Kb / 1P
   Plug and Receptacle Housing Press-In Tool for Plug and Receptacle
11/02/2021
130146-0143 MOLEX11-130146-0143 Datasheet
44Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
130146-0141 MOLEX11-130146-0141 Datasheet
44Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
1301460141 MOLEX11-1301460141 Datasheet
36Kb / 1P
   Watertite Male Plug Receptacle with Flip Coverplate with Locking Blade
1301470141 MOLEX11-1301470141 Datasheet
33Kb / 1P
   Watertite Receptacle with Single Flip Coverplate and Locking Blade
1301470142 MOLEX11-1301470142 Datasheet
33Kb / 1P
   Watertite Receptacle with Single Flip Coverplate and Locking Blade
130147-0142 MOLEX11-130147-0142 Datasheet
40Kb / 1P
   Watertite Receptacle with Single Flip Coverplate and Locking Blade
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com