Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76650-0099 Datasheet(PDF) 1 Page - MolexKits

Part # 76650-0099
Description  .156 Pitch Receptacle and Terminals, 10 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

76650-0099 Datasheet(HTML) 1 Page - MolexKits

  76650-0099 Datasheet HTML 1Page - MolexKits 76650-0099 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0099
Specifications
Features and Benefits
Applications
• Standard cantilever terminals
• Cantilever design provides high contact
pressure
• Wiping action cleans oxides when
connector is mated
• Vending and Gaming Machines
• Production Equipment
• Industrial Instruments
• Energy and Power
Current Rating:
Pitch:
10
Circuit Sizes:
250 Volts
Manufacturer:
Country of Origin:
KK™
Certificates:
.156 Pitch Receptacle and Terminals, 10 Circuit
(Molex parts within this kit) - EU and China RoHS Compliant, UL and CSA
Title:
KK-156 Connector Kit
General Information
Molex / Waldom
Wire-to-Board
3.96mm (.156")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
76650-0099
Wire size:
Product Highlights
The KK system of "building block" connectors can be used to create thousands of
different configurations, allowing each user to build a system that is precisely suited
to their application. KK has become known as a versatile interconnecting system
developed to meet the challenge of modularization.
Voltage:
24-18 AWG
4.75 Amps
Connector Type:
Receptacle
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 76650-0099

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0090 MOLEXKITS-76650-0090 Datasheet
37Kb / 2P
   .100 Pitch Receptacle and Terminals, 4 Circuit
76650-0091 MOLEXKITS-76650-0091 Datasheet
37Kb / 2P
   .100 Pitch Receptacle and Terminals, 6 Circuit
76650-0092 MOLEXKITS-76650-0092 Datasheet
37Kb / 2P
   .100 Pitch Receptacle and Terminals, 8 Circuit
76650-0093 MOLEXKITS-76650-0093 Datasheet
37Kb / 2P
   .100 Pitch Receptacle and Terminals, 10 Circuit
76650-0094 MOLEXKITS-76650-0094 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 2 Circuit
More results

Similar Description - 76650-0099

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0105 MOLEXKITS-76650-0105 Datasheet
38Kb / 2P
   156 Pitch Receptacle without Ramp and Terminals, 10 Circuit
76650-0098 MOLEXKITS-76650-0098 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 6 Circuit
76650-0095 MOLEXKITS-76650-0095 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 3 Circuit
76650-0094 MOLEXKITS-76650-0094 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 2 Circuit
76650-0096 MOLEXKITS-76650-0096 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 4 Circuit
76650-0097 MOLEXKITS-76650-0097 Datasheet
37Kb / 2P
   .156 Pitch Receptacle and Terminals, 5 Circuit
76650-0100 MOLEXKITS-76650-0100 Datasheet
37Kb / 2P
   .156 Pitch Receptacle without Ramp and Terminals, 2 Circuit
76650-0101 MOLEXKITS-76650-0101 Datasheet
37Kb / 2P
   156 Pitch Receptacle without Ramp and Terminals, 3 Circuit
76650-0102 MOLEXKITS-76650-0102 Datasheet
37Kb / 2P
   156 Pitch Receptacle without Ramp and Terminals, 4 Circuit
76650-0103 MOLEXKITS-76650-0103 Datasheet
37Kb / 2P
   156 Pitch Receptacle without Ramp and Terminals, 5 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com