Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

76650-0086 Datasheet(PDF) 2 Page - MolexKits

Part # 76650-0086
Description  Vertical Header and Receptacle, 10 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

76650-0086 Datasheet(HTML) 2 Page - MolexKits

  76650-0086 Datasheet HTML 1Page - MolexKits 76650-0086 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0086
Molex Part No.
Quantity in
Kit
39-00-0039
Crimp Type Female Socket Terminals, 24-18 AWG
10
39-01-2100
10 Circuit Free Hanging Receptacle, 4.20mm (.165”) Pitch
1
39-28-1103
10 Circuit Dual Row Vertical Header without Pegs
1
Molex Part No.
63819-0900 *
Hand Crimp Tool
11-03-0044 *
Extraction Tool
Recommended Molex Tool(s) for Part No. 76650-0086*
Country
of Origin
USA
Description
Bill of Materials for Part No. 76650-0086
Description
Country
of Origin
Sweden
Sweden
Mexico
USA
*Tool(s) not included in kit. Tool(s) ordered separately.
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 76650-0086

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0080 MOLEXKITS-76650-0080 Datasheet
38Kb / 2P
   Plug and Receptacle, 14 Circuit
76650-0081 MOLEXKITS-76650-0081 Datasheet
38Kb / 2P
   Plug and Receptacle, 16 Circuit
76650-0082 MOLEXKITS-76650-0082 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 2 Circuit
76650-0083 MOLEXKITS-76650-0083 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 4 Circuit
76650-0084 MOLEXKITS-76650-0084 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 6 Circuit
More results

Similar Description - 76650-0086

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0207 MOLEXKITS-76650-0207 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,10 Circuit
76650-0082 MOLEXKITS-76650-0082 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 2 Circuit
76650-0084 MOLEXKITS-76650-0084 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 6 Circuit
76650-0087 MOLEXKITS-76650-0087 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 12 Circuit
76650-0083 MOLEXKITS-76650-0083 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 4 Circuit
76650-0085 MOLEXKITS-76650-0085 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 8 Circuit
76650-0088 MOLEXKITS-76650-0088 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 14 Circuit
76650-0213 MOLEXKITS-76650-0213 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle,10 Circuit
76650-0015 MOLEXKITS-76650-0015 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
76650-0163 MOLEXKITS-76650-0163 Datasheet
39Kb / 3P
   Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com