Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHB47NQ10T Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PHB47NQ10T
Description  N-channel TrenchMOS standard level FET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PHB47NQ10T Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PHB47NQ10T Datasheet HTML 3Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 4Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 5Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 6Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 7Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 8Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 9Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 10Page - NXP Semiconductors PHB47NQ10T Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PHB47NQ10T_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 25 February 2010
7 of 13
NXP Semiconductors
PHB47NQ10T
N-channel TrenchMOS standard level FET
Fig 10. Gate-source threshold voltage as a function of
junction temperature
Fig 11. Drain-source on-state resistance as a function
of drain current; typical values
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
Fig 13. Gate-source voltage as a function of gate
charge; typical values
2.5
−60
−20
20
1
0.5
0
1.5
2
60
100
140
180
3.5
VGS(th)
(V)
Tj (°C)
3
4
4.5
max
typ
min
003aaa023
VGS = 5.5 V
6.0 V
6.5 V
7.0 V
7.5 V
10 V
8.0 V
60
55
50
45
40
35
30
25
20
15
5
25
45
65
85
105
125
ID (A)
65
RDSon
(m
Ω)
003aaa102
-20
20
60
100
−60
140
180
Tj (°C)
1.0
2.0
0
a
1.2
1.4
1.6
1.8
0.8
0.6
0.4
0.2
003aaa103
0
2
4
6
8
10
0
102030
40506070
VGS
(V)
QG (nC)
VDD = 20 V
VDD = 80 V
003aaa107


Similar Part No. - PHB47NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHB47NQ10T PHILIPS-PHB47NQ10T Datasheet
267Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
logo
Nexperia B.V. All right...
PHB47NQ10T NEXPERIA-PHB47NQ10T Datasheet
320Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 02 - 25 February 2010
More results

Similar Description - PHB47NQ10T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com