Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

71661-7050 Datasheet(PDF) 2 Page - MolexKits

Part # 71661-7050
Description  BMI PCB Vertical Plug and Receptacle 2.79mm Tail length
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

71661-7050 Datasheet(HTML) 2 Page - MolexKits

  71661-7050 Datasheet HTML 1Page - MolexKits 71661-7050 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0173
Molex Part No.
Quantity in
Kit
71660-7030
1
71660-7040
1
71660-7050
1
71660-7060
1
71660-7068
1
71660-7080
1
71661-7030
1
71661-7040
1
71661-7050
1
71661-7060
1
71661-7068
1
71661-7080
1
USA
Country
of Origin
USA
USA
USA
USA
USA
Bill of Materials for Part No. 76650-0173
Description
USA
USA
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical
Receptacle 40 CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical
Receptacle 50CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical
Receptacle 60CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical
Receptacle 68CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical
Receptacle 80CKT
USA
USA
USA
USA
No Recommended Molex Tool for Part No. 76650-0173
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical
Receptacle 30CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical Plug
30CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical Plug
40 CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical Plug
50CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical Plug
60CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical Plug
68CKT
.050" (1.27mm) Pitch EBBI™ 50D Blind Mate Vertical Plug
80CKT
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 71661-7050

ManufacturerPart #DatasheetDescription
logo
MolexKits
71661-7050 MOLEXKITS-71661-7050 Datasheet
43Kb / 5P
   Includes EBBI 50D, SPOX BMI, Micro-Fit 3.0 BMI, Mini-Fit BMI Product Families.Pitches range: 1.27mm (.050)" - 4.2mm (.165)"||" "346963
Sealed Bayonet-Style Plug Receptacle and Cable
71661-7050 MOLEXKITS-71661-7050 Datasheet
47Kb / 6P
   Includes KK100,HDM,EBBl 50D, SEARAY,Plateau HS Mezz,IEEE1386,SlimStack Product Families. Pitches range:0.635mm-2.54mm
logo
Molex Electronics Ltd.
71661-7050 MOLEX8-71661-7050 Datasheet
182Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Vertical, Blind Mate, 50 Circuits, 2.79mm(.110") PC Tail Length
More results

Similar Description - 71661-7050

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0161 MOLEXKITS-76650-0161 Datasheet
38Kb / 2P
   BMI Dual Row Panel Mount Vertical Plug and Receptacle
logo
Molex Electronics Ltd.
15-92-2520 MOLEX9-15-92-2520 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 120 Circuits, 2.79mm PC Tail Length
15-92-2480 MOLEX9-15-92-2480 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 80 Circuits, 2.79mm PC Tail Length
15-92-2468 MOLEX9-15-92-2468 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 68 Circuits, 2.79mm PC Tail Length
15-92-2450 MOLEX9-15-92-2450 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 50 Circuits, 2.79mm PC Tail Length
15-92-2530 MOLEX9-15-92-2530 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 130 Circuits, 2.79mm PC Tail Length
15-92-2430 MOLEX9-15-92-2430 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 30 Circuits, 2.79mm PC Tail Length
15-92-2460 MOLEX9-15-92-2460 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 60 Circuits, 2.79mm PC Tail Length
15-92-2500 MOLEX9-15-92-2500 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 100 Circuits, 2.79mm PC Tail Length
15-92-2440 MOLEX9-15-92-2440 Datasheet
40Kb / 2P
   1.27mm Pitch EBBI??50D Plug, Vertical, without Latch, 40 Circuits, 2.79mm PC Tail Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com