Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PH20100S Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PH20100S
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PH20100S Datasheet(HTML) 2 Page - NXP Semiconductors

  PH20100S Datasheet HTML 1Page - NXP Semiconductors PH20100S Datasheet HTML 2Page - NXP Semiconductors PH20100S Datasheet HTML 3Page - NXP Semiconductors PH20100S Datasheet HTML 4Page - NXP Semiconductors PH20100S Datasheet HTML 5Page - NXP Semiconductors PH20100S Datasheet HTML 6Page - NXP Semiconductors PH20100S Datasheet HTML 7Page - NXP Semiconductors PH20100S Datasheet HTML 8Page - NXP Semiconductors PH20100S Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PH20100S_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 2 February 2009
2 of 12
NXP Semiconductors
PH20100S
N-channel TrenchMOS standard level FET
2.
Pinning information
3.
Ordering information
4.
Limiting values
Table 2.
Pinning information
Pin
Symbol
Description
Simplified outline
Graphic symbol
1S
source
SOT669
(LFPAK)
2S
source
3S
source
4G
gate
mb
D
mounting base; connected to
drain
mb
1234
S
D
G
mbb076
Table 3.
Ordering information
Type number
Package
Name
Description
Version
PH20100S
LFPAK
plastic single-ended surface-mounted package (LFPAK); 4 leads
SOT669
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 150 °C
-
100
V
VGS
gate-source voltage
-20
20
V
ID
drain current
VGS =10V; Tmb = 100 °C; see Figure 2
-21.6
A
VGS =10V; Tmb =25°C; see Figure 2;
see Figure 1
-34.3
A
IDM
peak drain current
tp ≤ 10 µs; pulsed; Tmb =25°C; see Figure 1
-137
A
Ptot
total power dissipation
Tmb =25°C
-
62.5
W
Tstg
storage temperature
-55
150
°C
Tj
junction temperature
-55
150
°C
Source-drain diode
IS
source current
Tmb =25°C
-
52
A
ISM
peak source current
tp ≤ 10 µs; pulsed; Tmb =25°C
-
137
A
Avalanche ruggedness
EDS(AL)S
non-repetitive
drain-source avalanche
energy
VGS =10V; Tj(init) =25°C; ID =12A; Vsup ≤ 100 V;
unclamped; tp =0.3 ms
-250
mJ


Similar Part No. - PH20100S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PH20100S PHILIPS-PH20100S Datasheet
83Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-17 August 2004
logo
Nexperia B.V. All right...
PH20100S NEXPERIA-PH20100S Datasheet
682Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03 - 2 February 2009
More results

Similar Description - PH20100S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com