Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

62100-5300 Datasheet(PDF) 2 Page - MolexKits

Part # 62100-5300
Description  Mezzanine PCB Connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

62100-5300 Datasheet(HTML) 2 Page - MolexKits

  62100-5300 Datasheet HTML 1Page - MolexKits 62100-5300 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0172
Molex Part No.
Quantity in
Kit
19073-0216
10
19193-0128
10
76001-0106
2
76001-0110
2
19193-0198
10
Molex Part No.
62100-5300 *
64001-0100 *
64001-1500 *
64003-0100 *
64001-3900 *
Country
of Origin
USA
Features and Benefits
Applications
• Patented internal terminal design allows a
rigid, secure interface while helping to
isolate pressfit pins from the load of shock
and vibration
• Captured internal nut for ease of assembly
• High-normal force, high-reliability interface
• One piece ridged Board-To-Board high
current interconnect
• Hertzian contact areas create a reliable
(gas-tight) mating surface
• Screw contact interface can accept
standard wire-crimp, ring-lug terminals for
wire-to-board applications
• Industrial Applications
• 30 Amp applications
• 50 Amp applications
USA
Hand Crimp Tool (RHT-2200)
USA
Hand Crimp Tool (RHT-1990)
10 Tail, 50Amp, Tin plated, EXTreme ZPower™ PCB
Connector
Country
of Origin
Description
USA
ZPower™ Extraction Tool
USA
Recommended Molex Tool(s) for Part No. 76650-0172*
USA
*Tool(s) not included in kit. Tool(s) ordered separately.
# 6 Ring Tongue Terminal Non-insulated 8 AWG
USA
Bill of Materials for Part No. 76650-0172
# 5-6 Ring Tongue Terminal Nylon (12-10) AWG
# 5-6 Ring Tongue Terminal Non-insulated (12-10) AWG
USA
Description
6 Tail, 30Amp, Tin plated, EXTreme ZPower™ PCB
Connector
USA
Hand Crimp Tool (MCT-8200) - 8 AWG
USA
Hand Crimp Tool (RHT-1992)
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 2 of 2


Similar Part No. - 62100-5300

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
62100-5300 MOLEX-62100-5300 Datasheet
179Kb / 3P
   Z-Power Extraction Tool Instruction Sheet
12-22-06
More results

Similar Description - 62100-5300

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
108-2246 TEC-108-2246 Datasheet
206Kb / 5P
   1.0 mm Mezzanine Connectors
logo
Molex Electronics Ltd.
0762071000 MOLEX9-0762071000 Datasheet
246Kb / 5P
   PCB Threaded Insert #8 CZ Mezzanine Power
logo
Hirose Electric
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
logo
FCI connector
10118744-T133YZZLF FCI-CONNECTOR-10118744-T133YZZLF Datasheet
760Kb / 2P
   High Density, Low Profile 1.00mm Pitch Mezzanine Connectors
logo
PHOENIX CONTACT
1792863 PHOENIX-1792863 Datasheet
163Kb / 2P
   PCB CONNECTORS
logo
Precid-Dip Durtal SA
801-87-003-10-001101 PREDIP-801-87-003-10-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
315-87-105-41-003101 PREDIP-315-87-105-41-003101 Datasheet
21Kb / 3P
   PCB CONNECTORS
411-87-272-41-001101 PREDIP-411-87-272-41-001101 Datasheet
23Kb / 3P
   PCB CONNECTORS
851-87-003-40-252101 PREDIP-851-87-003-40-252101 Datasheet
20Kb / 3P
   PCB CONNECTORS
logo
CW Industries
CWR-141-10-0000 CWIND-CWR-141-10-0000 Datasheet
132Kb / 4P
   PCB Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com