Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

84700-0002 Datasheet(PDF) 1 Page - MolexKits

Part # 84700-0002
Description  In-Line, PCB and Panel Mount Receptacle, Plug, Receptacle and Dust cover
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

84700-0002 Datasheet(HTML) 1 Page - MolexKits

  84700-0002 Datasheet HTML 1Page - MolexKits 84700-0002 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0174
*EtherNet/IP and †DeviceNet are trademarks of the Open DeviceNet Vendor Association.
*EtherNet/IP and †DeviceNet are trademarks of the Open DeviceNet Vendor Association. ‡ ControlNet is a trademark of ControlNet International, Ltd.
(Molex Parts within this kit) - EU RoHS Compliant
Design
Configuration:
Part Number:
76650-0174
Manufacturer:
Country of Origin:
RJ-45
Certificates:
In-Line, PCB and Panel Mount Receptacle, Plug, Receptacle and Dust cover
Title:
Product Highlights
Ethernet connectors are of Category 5e transmission performance and TIA/EIA-568-
B (RJ-45) connection interface. RJ-45 EtherNet/IP* Cordsets and Receptacles are
ideal for use in environments where EtherNet protocol is used, including
manufacturing facilities, water treatment plants and transportation hubs. Designed
with one sealing surface, the connectors ensure optimum performance even in
harsh environments. Meets NEMA 6P and IP 67 rating.
General Information
Molex / Waldom
(Wire-to-Board) and (Wire-to-Wire)
Kit assembled in U.S.A.
Description:
Product Family:
Specifications
Mounting
Orientation:
125 Volts
1.5 Amps
Connector Type:
Receptacles and Plugs, Cables
Vertical (Receptacles)
Voltage:
Current Rating:
Sealed RJ-45 Industrial Connector Kit
Features and Benefits
Applications
• Meets NEMA 6P and IP 67 rating
• Bayonet-style latch receptacle provides
quick and easy connection and ensures
proper insertion depth with mating
• Ease-of-use
• Meets Open DeviceNet † Vendors’
Association and ControlNet ‡ Vendors’
Association IP Specifications
• One Sealing Surface means less
likelihood of failure
• Easy termination allows custom length
cable to be made in field
• Robust bayonet style lock
• Simple error free mating
• Test and Measurement Equipment
• Medical Devices
• Factory Networking Installations
• Production Equipment
• Industrial Environment: Food and Beverage,
Automotive, Chemical and Other continuous
and batch processes
• Water Treatment plants: Waste water, Municipal
drinking water
• Transportation Hubs: Airports, Bus Stations, Rail
Stations
• Metal and explosive detectors
• EDS's (Explosive Detection System)
• ETD's (Explosive Trace Detector)
For additional Molex / Waldom Design and Solution Kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 84700-0002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
84700-0002 MOLEX-84700-0002 Datasheet
164Kb / 2P
   RJ-45 Field Wireable Ethernet Connectors
logo
MolexKits
84700-0002 MOLEXKITS-84700-0002 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
84700-0002 MOLEXKITS-84700-0002 Datasheet
45Kb / 6P
   Deluxe Splashproof Application Kit Includes USB Type A and B, RJ-45, MX150L, MX150, Mini-Splashproof Product
More results

Similar Description - 84700-0002

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0014 MOLEXKITS-76650-0014 Datasheet
39Kb / 2P
   Panel Mount Plug and Receptacle
76650-0157 MOLEXKITS-76650-0157 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle
76650-0057 MOLEXKITS-76650-0057 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 15 Circuit
76650-0063 MOLEXKITS-76650-0063 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 2 Circuit
76650-0067 MOLEXKITS-76650-0067 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 6 Circuit
76650-0056 MOLEXKITS-76650-0056 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 12 Circuit
76650-0071 MOLEXKITS-76650-0071 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 24 Circuit
76650-0055 MOLEXKITS-76650-0055 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
76650-0064 MOLEXKITS-76650-0064 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 3 Circuit
76650-0068 MOLEXKITS-76650-0068 Datasheet
38Kb / 2P
   Panel Mount Plug and Receptacle, 9 Circuit
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com