Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11-03-0044 Datasheet(PDF) 1 Page - MolexKits

Part # 11-03-0044
Description  Vertical Header and Receptacle, 4 Circuit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEXKITS [MolexKits]
Direct Link  http://www.molexkits.com
Logo MOLEXKITS - MolexKits

11-03-0044 Datasheet(HTML) 1 Page - MolexKits

  11-03-0044 Datasheet HTML 1Page - MolexKits 11-03-0044 Datasheet HTML 2Page - MolexKits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1801 Morgan Street
Rockford, Illinois 61102
800-435-2931
www.molexkits.com
Datasheet for 76650-0083
The Mini-Fit Jr. Series is designed for high current/high density applications. The
Mini-Fit Jr. is appropriate for both power and signal applications. The Mini-Fit
product family accepts the same terminals and application tooling, further reducing
your design and qualification effort.
Circuit Sizes:
Connector Type:
Receptacles and Vertical Headers
Vertical
6 Amps
Wire size:
600 Volts
Product Highlights
Voltage:
24-18 AWG
General Information
Molex / Waldom
Wire-to-Board
4.2mm (.165")
Kit assembled in U.S.A.
Description:
Product Family:
Design
Configuration:
Part Number:
76650-0083
Manufacturer:
Country of Origin:
Mini-Fit Jr.™
Certificates:
Vertical Header and Receptacle, 4 Circuit
(Molex parts within this kit) - EU and China RoHS, UL, CSA and TUV
Title:
Mini-Fit Jr. Connector Kit
Specifications
Features and Benefits
Applications
• Fully isolated terminals
• Positive housing locks
• Four point of contact for reliability
• Low engagement force terminals
• Security and Alarms
• Vending and Gaming Machines
• White Goods
• Production Equipment
• Broadcast Equipment
• Telecom Infrastructure
Current Rating:
Pitch:
Mounting
Orientation:
4
For additional Molex / Waldom Design and Solution kits please go to www.molexkits.com
Page 1 of 2


Similar Part No. - 11-03-0044

ManufacturerPart #DatasheetDescription
logo
MolexKits
11-03-0044 MOLEXKITS-11-03-0044 Datasheet
39Kb / 2P
   Free Hanging Plug and Receptacle, 3-9 A 250V
11-03-0044 MOLEXKITS-11-03-0044 Datasheet
38Kb / 2P
   Plug and Receptacle, 10 Circuit
logo
Molex Electronics Ltd.
11-03-0044 MOLEX-11-03-0044 Datasheet
269Kb / 3P
   Extractor Tool (HT60630B)
10-15-14
logo
MolexKits
11-03-0044 MOLEXKITS-11-03-0044 Datasheet
39Kb / 2P
   Right Angle Header and Receptacle
11-03-0044 MOLEXKITS-11-03-0044 Datasheet
38Kb / 2P
   Plug and Receptacle, 12 Circuit
More results

Similar Description - 11-03-0044

ManufacturerPart #DatasheetDescription
logo
MolexKits
76650-0082 MOLEXKITS-76650-0082 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 2 Circuit
76650-0086 MOLEXKITS-76650-0086 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 10 Circuit
76650-0084 MOLEXKITS-76650-0084 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 6 Circuit
76650-0087 MOLEXKITS-76650-0087 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 12 Circuit
76650-0085 MOLEXKITS-76650-0085 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 8 Circuit
76650-0088 MOLEXKITS-76650-0088 Datasheet
38Kb / 2P
   Vertical Header and Receptacle, 14 Circuit
76650-0204 MOLEXKITS-76650-0204 Datasheet
38Kb / 2P
   .100 Pitch Vertical and Right Angle Header and Receptacle,4 Circuit
76650-0210 MOLEXKITS-76650-0210 Datasheet
38Kb / 2P
   .156 Pitch Single Row Vertical and Right Angle Header and Receptacle,4 Circuit
76650-0015 MOLEXKITS-76650-0015 Datasheet
39Kb / 2P
   Vertical Header and Receptacle
76650-0163 MOLEXKITS-76650-0163 Datasheet
39Kb / 3P
   Vertical Header and Receptacle
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com